データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1-PPG1-11 データシート(PDF) 1 Page - Marktech Corporate

部品番号 LM1-PPG1-11
部品情報  InGaN Green Power SMT LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MARKTECH [Marktech Corporate]
ホームページ  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LM1-PPG1-11 データシート(HTML) 1 Page - Marktech Corporate

  LM1-PPG1-11 Datasheet HTML 1Page - Marktech Corporate LM1-PPG1-11 Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
InGaN Green Power SMT LED
LM1−PPG1−11
Applications
Indicators
Illuminations
LCD Back lights
Automobile Applications
RGB Full color displays
Maximum Ratings (Ta=25
o
C)
Characteristic
Symbol
Max.
Unit
Forward Current
IF
30
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
140.00
mW
Operating Temperature
Topr
−40 ~ +100
o
C
Storage Temperature
Tstg
−40 ~ +100
o
C
Soldering Temperature
Tsol
260
o
C
Soldering Time
for 3 sec. max
Opto−Electrical Characteristics (Ta=25
o
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=30mA
3.90
4.60
V
Reverse Current
IR
VR=5V
10
µ A
Luminous Intensity
IV
IF=30mA
450.00
700.00
mcd
Viewing Angle
2
θ1/2
120
o
deg.
Peak Wavelength
λp
IF=30mA
520
nm
Dominant Wavelength
λd
IF=30mA
525
nm
Spectral Line Half Width
∆λ
IF=30mA
38
nm
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
California Sales Office:
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


同様の部品番号 - LM1-PPG1-11

メーカー部品番号データシート部品情報
logo
Cree, Inc
LM1-PPG1-11-N1 CREE-LM1-PPG1-11-N1 Datasheet
332Kb / 5P
   SMD LED
More results

同様の説明 - LM1-PPG1-11

メーカー部品番号データシート部品情報
logo
Marktech Corporate
LM1-PBL1-11 MARKTECH-LM1-PBL1-11 Datasheet
243Kb / 2P
   InGaN Blue Power SMT LED
LC503TPG1-30G-A MARKTECH-LC503TPG1-30G-A Datasheet
207Kb / 2P
   5mm Green InGaN LED
logo
DOMINANT Semiconductors
DWW-UJG DOMINANT-DWW-UJG Datasheet
847Kb / 13P
   Power LED InGaN White
logo
Marktech Corporate
LC503TPG1-30H-A MARKTECH-LC503TPG1-30H-A Datasheet
209Kb / 2P
   5mm Green InGaN LED
logo
DOMINANT Semiconductors
DWW-SJD-TU2-1 DOMINANT-DWW-SJD-TU2-1 Datasheet
873Kb / 13P
   Power LED InGaN White
DDT-CJS-RS2-1 DOMINANT-DDT-CJS-RS2-1 Datasheet
806Kb / 15P
   LED InGaN
logo
List of Unclassifed Man...
DB1112H ETC1-DB1112H Datasheet
164Kb / 2P
   D_1112H Series, Thin Type InGaN/SiC SMT LED
logo
STANLEY ELECTRIC CO.,LT...
DG1112H STANLEY-DG1112H Datasheet
166Kb / 2P
   D_1112H Series, Thin Type InGaN/SiC SMT LED
DG1113F STANLEY-DG1113F Datasheet
155Kb / 2P
   D_1113F Series, Right Angle InGaN/SiC SMT LED
logo
List of Unclassifed Man...
DG1111C ETC1-DG1111C Datasheet
161Kb / 2P
   D_1111C Series, Ultra Compact InGaN/SiC SMT LED
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com