データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES-3112R-VXME データシート(PDF) 2 Page - Advantech Co., Ltd.

部品番号 ES-3112R-VXME
部品情報  12.1 Industrial LCD Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ADVANTECH [Advantech Co., Ltd.]
ホームページ  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ES-3112R-VXME データシート(HTML) 2 Page - Advantech Co., Ltd.

  ES-3112R-VXME Datasheet HTML 1Page - Advantech Co., Ltd. ES-3112R-VXME Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
Ordering Information
P/N
Type
Brightness (cd/m2) Interface
Touchscreen
Touch Interface
Transflective
ES-3112G-VSAE
Open Frame
400
VGA
Tempered Glass
N/A
N/A
ES-3112R-VSAE
Open Frame
400
VGA
5-Wire Resistive
RS-232/USB
N/A
ES-3112C-VSAE
Open Frame
400
VGA
Capacitive
RS-232
N/A
ES-3112S-VSAE
Open Frame
400
VGA
SAW
RS-232/USB
N/A
ES-3112V-VSAE
Open Frame
400
VGA
Infrared
RS-232/USB
N/A
ES-3112R-VXME
Open Frame
350
VGA
5-Wire Resistive
RS-232/USB
N/A
ES-3112C-VSS-SRE
Open Frame
400
VGA
Capacitive
RS-232
Yes
Notes
1.) Capacitive, SAW and Infrared touch panels are recommended for applications requiring sunlight readable outdoor solutions.
2.) The list above is of major part numbers for your reference. Other combinations of LCD, touchscreen and signal interface features can be found in the Advantech Display
Solutions. The Selection Wizard (http://www.advantech.com.tw/ePlatform/DS/DisplaySolution.asp) or CTOS services can be used to get your demand configuration and part
numbers to us for ordering.
3.) For special requests, we welcome you to use the Display Solution DTOS service.
Power Code Options
Part Name
Description
1702002600
Power Cable UL/CSA (USA) 180 cm
1702031801
Power Cable (UK) 5A-Fuse 180 cm
1702002605
Power Cable 220 V EUROPEAN 250 V/6 A (FRANCE) 180 cm
ES-3112
210,00
250,00
300,00
370,00
390,00
278,40
353,60
247,50
(SAW - 54,00)
(Glass, IR, Cap, R - 53,00)
SUGGESTED
Display opening size


同様の部品番号 - ES-3112R-VXME

メーカー部品番号データシート部品情報
logo
Advantech Co., Ltd.
ES-3115 ADVANTECH-ES-3115 Datasheet
277Kb / 2P
   15 Industrial LCD Monitor
ES-3115C-VXA-SRE ADVANTECH-ES-3115C-VXA-SRE Datasheet
277Kb / 2P
   15 Industrial LCD Monitor
ES-3115C-VXAE ADVANTECH-ES-3115C-VXAE Datasheet
277Kb / 2P
   15 Industrial LCD Monitor
ES-3115G-VXAE ADVANTECH-ES-3115G-VXAE Datasheet
277Kb / 2P
   15 Industrial LCD Monitor
ES-3115R-VXAE ADVANTECH-ES-3115R-VXAE Datasheet
277Kb / 2P
   15 Industrial LCD Monitor
More results

同様の説明 - ES-3112R-VXME

メーカー部品番号データシート部品情報
logo
Axiomtek Co., Ltd.
P6122 AXIOMTEK-P6122_17 Datasheet
359Kb / 2P
   12.1 SVGA TFT Industrial LCD Monitor
LD-121 AXIOMTEK-LD-121 Datasheet
129Kb / 1P
   12.1 Industrial Open Frame LCD Monitor
P6121 AXIOMTEK-P6121_17 Datasheet
271Kb / 2P
   12.1 XGA TFT Industrial LCD Monitor
LS-320 AXIOMTEK-LS-320 Datasheet
104Kb / 1P
   Industrial LCD Monitor
LS-420 AXIOMTEK-LS-420 Datasheet
115Kb / 1P
   Industrial LCD Monitor
LS-270 AXIOMTEK-LS-270 Datasheet
67Kb / 1P
   Industrial LCD Monitor
P6121O AXIOMTEK-P6121O Datasheet
265Kb / 2P
   12.1 XGA TFT Industrial Open Frame Monitor
logo
Advantech Co., Ltd.
ES-3115 ADVANTECH-ES-3115 Datasheet
277Kb / 2P
   15 Industrial LCD Monitor
logo
Axiomtek Co., Ltd.
LS-550 AXIOMTEK-LS-550 Datasheet
123Kb / 1P
   Narrow Band Industrial LCD Monitor
LS-460 AXIOMTEK-LS-460 Datasheet
103Kb / 1P
   Narrow Band Industrial LCD Monitor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com