データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS1-PBL1-01 データシート(PDF) 1 Page - Marktech Corporate

部品番号 LS1-PBL1-01
部品情報  InGaN Blue Side SMD LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MARKTECH [Marktech Corporate]
ホームページ  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LS1-PBL1-01 データシート(HTML) 1 Page - Marktech Corporate

  LS1-PBL1-01 Datasheet HTML 1Page - Marktech Corporate LS1-PBL1-01 Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
InGaN Blue Side SMD LED
LS1−PBL1−01
Applications
Optical indicators
Coupling into light guides
Back lights (LCD, switches, keys,displays, illuminated advertising,
general lighting)
Interior automotive lighting (dashboard backlighting)
Marker lights (steps, exit ways)
Signal and symbol luminaire
Automotive applications
Maximum Ratings (Ta=25
o
C)
Characteristic
Symbol
Max.
Unit
Forward Current
IF
20
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
85.00
mW
Operating Temperature
Topr
−40 ~ +100
o
C
Storage Temperature
Tstg
−40 ~ +100
o
C
Soldering Temperature
Tsol
260
o
C
Soldering Time
for 3 sec. max
Opto−Electrical Characteristics (Ta=25
o
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=20mA
3.60
4.20
V
Reverse Current
IR
VR=5V
10
µ A
Luminous Intensity
IV
IF=20mA
90.00
120.00
mcd
Viewing Angle
2
θ1/2
120
o
deg.
Peak Wavelength
λp
IF=20mA
465
nm
Dominant Wavelength
λd
IF=20mA
470
nm
Spectral Line Half Width
∆λ
IF=20mA
28
nm
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
California Sales Office:
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


同様の部品番号 - LS1-PBL1-01

メーカー部品番号データシート部品情報
logo
Marktech Corporate
LS1-THR1-01 MARKTECH-LS1-THR1-01 Datasheet
111Kb / 2P
   AlGalnP Red Side SMD LED
LS1-TRO1-01 MARKTECH-LS1-TRO1-01 Datasheet
130Kb / 2P
   AlGalnP Orange Side SMD LED
LS1-TRO1-01-MT MARKTECH-LS1-TRO1-01-MT Datasheet
190Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
LS1-TYL1-01 MARKTECH-LS1-TYL1-01 Datasheet
96Kb / 2P
   AlGalnP Amber Side SMD LED
LS1-TYL1-01-MT MARKTECH-LS1-TYL1-01-MT Datasheet
189Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
More results

同様の説明 - LS1-PBL1-01

メーカー部品番号データシート部品情報
logo
Marktech Corporate
LC503TBL1-30G-A MARKTECH-LC503TBL1-30G-A Datasheet
207Kb / 2P
   5mm Blue InGaN LED
LC503TBL1-30H-A MARKTECH-LC503TBL1-30H-A Datasheet
208Kb / 2P
   5mm Blue InGaN LED
logo
KODENSHI_AUK CORP.
KB520O KODENSHI-KB520O Datasheet
236Kb / 3P
   high bright InGaN blue LED
KB520B KODENSHI-KB520B Datasheet
238Kb / 3P
   high bright InGaN blue LED
logo
Marktech Corporate
LM1-PBL1-11 MARKTECH-LM1-PBL1-11 Datasheet
243Kb / 2P
   InGaN Blue Power SMT LED
logo
KODENSHI_AUK CORP.
KB521B KODENSHI-KB521B Datasheet
264Kb / 3P
   high bright InGaN blue LED
logo
Marktech Corporate
LP379PBL1-C0G MARKTECH-LP379PBL1-C0G Datasheet
57Kb / 2P
   P4 InGaN Blue Ultra Bright LED
LC503PBL1-15Q MARKTECH-LC503PBL1-15Q Datasheet
209Kb / 2P
   5mm Blue InGaN Ultra Bright LED
LC503QBL1-30H MARKTECH-LC503QBL1-30H Datasheet
209Kb / 2P
   5mm Blue InGaN Ultra Bright LED
LC307PBL1-30Q-A3 MARKTECH-LC307PBL1-30Q-A3 Datasheet
42Kb / 2P
   InGaN Blue Ultra Bright 3mm LED
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com