データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS431BCTRMG データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS431BCTRMG
部品情報  Adjustable Precision Shunt Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431BCTRMG データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS431BCTRMG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS431BCTRMG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS431BCTRMG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS431BCTRMG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS431BCTRMG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431BCTRMG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431BCTRMG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431BCTRMG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS431BCTRMG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TS431
Adjustable Precision Shunt Regulator
1/13
Version: F07
TO-92
SOT-89
SOT-23
SOP-8
General Description
TS431 series integrated circuits are three-terminal programmable shunt regulator diodes. These monolithic IC voltage
references operate as a low temperature coefficient zener which is programmable from VREF to 36 volts with two
external resistors. These devices exhibit a wide operating current range of 1.0 to 100mA with a typical dynamic
impedance of 0.22Ω. The characteristics of these references make them excellent replacements for zener diodes in
many applications such as digital voltmeters, power supplies, and op amp circuitry. The 2.5V reference makes it
convenient to obtain a stable reference from 5.0V logic supplies, and since The TS431 series operates as a shunt
regulator, it can be used as either a positive or negative stage reference.
Features
Precision Reference Voltage
TS431 – 2.495V ±2%
TS431A – 2.495V ±1%
TS431B – 2.495V ±0.5%
Equivalent Full Range Temp. Coefficient: 50ppm/ ºC
Programmable Output Voltage up to 36V
Fast Turn-On Response
Sink Current Capability of 1~100mA
Low Dynamic Output Impedance: 0.2Ω
Low Output Noise
Block Diagram
Ordering Information
Part No.
Package
Packing
TS431xCT B0
TO-92
1Kpcs / Bulk
TS431xCT B0G
TO-92
1Kpcs / Bulk
TS431xCT A3
TO-92
2Kpcs / Ammo
TS431xCT A3G
TO-92
2Kpcs / Ammo
TS431xCX RF
SOT-23
3Kpcs / 7” Reel
TS431xCX RFG
SOT-23
3Kpcs / 7” Reel
TS431xCY RM
SOT-89
1Kpcs / 7” Reel
TS431xCY RMG
SOT-89
1Kpcs / 7” Reel
TS431xCS RL
SOP-8
2.5Kpcs / 13” Reel
TS431xCS RLG
SOP-8
2.5Kpcs / 13” Reel
Note: Where xx denotes voltage tolerance
Blank: ±2%, A: ±1%, B: ±0.5%
“G” denotes for Halogen free products
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Cathode Voltage (Note 1)
VKA
37
V
Continuous Cathode Current Range
IK
-100 ~ +150
mA
Reference Input Current Range
IREF
-0.05 ~ +10
mA
TO-92
0.625
SOT-23
0.30
Power Dissipation
SOT-89 / SOP-8
PD
0.50
W
Junction Temperature
TJ
+150
oC
Operating Temperature Range
TOPER
0 ~ +70
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Note 1: Voltage values are with respect to the anode terminal unless otherwise noted.
Pin Definition:
1. Reference
2. Cathode
3. Anode
Pin Definition:
1. Cathode
8. Reference
2. Anode
7. Anode
3. Anode
6. Anode
4. N/C
5. N/C
Pin Definition:
1. Reference
2. Anode
3. Cathode


同様の部品番号 - TS431BCTRMG

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS431BCT TSC-TS431BCT Datasheet
216Kb / 8P
   Adjustable Precision Shunt Regulator
TS431BCT-A3G TSC-TS431BCT-A3G Datasheet
4Mb / 13P
   2.495V Programmable Shunt Voltage Reference
TS431BCT-B0G TSC-TS431BCT-B0G Datasheet
4Mb / 13P
   2.495V Programmable Shunt Voltage Reference
More results

同様の説明 - TS431BCTRMG

メーカー部品番号データシート部品情報
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com