データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS19372CX5RF データシート(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS19372CX5RF
部品情報  Buck (Step-down) WLED Driver with External Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19372CX5RF データシート(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS19372CX5RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TS19372
Buck (Step-down) WLED Driver with External Switch
3/6
Version: A09
Application Information
Pin Description
Pin
Function
Description
1
SW
Driver Switching Pin
2
Ground
Ground Pin.
3
Timing Capacitor
Timing capacitor oscillator input
4
ISENSE
Peak current sense input to monitor the voltage drop across an external
resistor to limit the peak current through the circuit
5
VIN
Input Voltage Supply pin
Inductor Selection
A 100uH inductor is recommended for most TS19372 applications. Although small size and high efficiency are major
concerns, the inductor should have low core losses at 180kHz and low DCR (copper wire resistance).
Diode Selection
Schottky diodes, with their low forward voltage drop and fast reverse recovery, are the ideal choices for TS19372
applications. The forward voltage drop of a Schottky diode represents the conduction losses in the diode while the
diode capacitance represents the switching losses. For diode selection, both forward voltage drop and diode
capacitance need to be considered. Schottky diodes with higher current ratings usually have lower forward voltage
drop and larger diode capacitance, which can cause significant switching losses at the 180kHz switching frequency of
the TS19372.
Capacitor Selection
For Input capacitor and timing capacitor are able to use small ceramic capacitor for most of TS19372 applications.
When AC input, to add a 100µF electric capacitor for input capacitor is recommended.


同様の部品番号 - TS19372CX5RF

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS19372CX5RF TSC-TS19372CX5RF Datasheet
183Kb / 9P
   Buck (Step-down) WLED Driver with External Switch
More results

同様の説明 - TS19372CX5RF

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
   Buck (Step-down) WLED Driver with External Switch
TS19378 TSC-TS19378_15 Datasheet
274Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19377 TSC-TS19377 Datasheet
140Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19373 TSC-TS19373_10 Datasheet
259Kb / 9P
   800mA Buck (Step-down) WLED Driver
TS19378 TSC-TS19378 Datasheet
131Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19373 TSC-TS19373 Datasheet
386Kb / 7P
   800mA Buck (Step-down) WLED Driver
logo
Monolithic Power System...
MP3373 MPS-MP3373 Datasheet
678Kb / 20P
   8 Strings, Step Up WLED Controller with External Transistor
EV3373-M-00A MPS-EV3373-M-00A Datasheet
613Kb / 7P
   8 Strings, Step Up WLED Controller with External Transistor
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com