データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS29152CZ5C0 データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS29152CZ5C0
部品情報  1.5A Ultra Low Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS29152CZ5C0 データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS29152CZ5C0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS29152CZ5C0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS29152CZ5C0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS29152CZ5C0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS29152CZ5C0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS29152CZ5C0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS29152CZ5C0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS29152CZ5C0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS29152
1.5A Ultra Low Dropout Voltage Regulator
2/2
Version: A09
Thermal Performance
Condition
Package type
Typ
Unit
TO-220-5L
80
Thermal Resistance
Junction to Ambient
TO-263-5L
85
oC/W
Electrical Characteristics VIN=VOUT+1V, Venable=2.4V, IL=10mA, Co=10uF, Adjustable versions are
programmed to 5V output, TJ=25
oC unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage
0.990|Vo|
1.010|Vo|
Output Voltage
10mA ≤ IL ≤ 1.5A,
Vo+1V ≤ VIN ≤ 26V
0.980|Vo|
VOUT
1.020|Vo|
V
Input Supply Voltage
--
--
26
V
Output Voltage Temperature Coefficient
--
20
100
ppm/
oC
Line Regulation
Vo+1V ≤ VIN ≤ 26V
--
0.05
0.5
%
Load Regulation
10mA ≤ IL ≤ 1.5A
--
0.2
1.0
%
Dropout Voltage (Note 4)
IL=100mA
IL=750mA
IL=1.5A
--
--
--
80
200
350
200
--
600
mV
Quiescent Current (Note 5)
IL=750mA
IL=1.5A
--
--
8
22
--
--
mA
Short Circuit Current (Note 6)
VOUT =0
--
2.1
3.5
A
Output Noise,
10Hz to 100KHz, IL=100mA
CL=2.2uF
CL=10uF
CL=33uF
--
--
--
600
400
260
--
--
--
uVrms
Reference
Reference Voltage
0.980|Vo|
1.020|Vo|
Reference Voltage
10mA ≤ IL ≤ 1.5A,
2.3V ≤ VIN ≤ 26V
0.970|Vo|
1.24
1.030|Vo|
V
Adjust Pin Bias Current
--
40
80
nA
Reference Voltage Temperature
Coefficient
(Note 7)
--
20
--
ppm/
oC
Adjust Pin Bias Current Temperature
Coefficient
--
0.1
--
nA/
oC
Enable Input
Low (OFF)
--
--
0.8
Input Logic Voltage
High (ON)
2.4
--
--
V
VEN =26V
--
--
750
Enable Pin Input Current
VEN =0.8V
--
--
5
uA
Regulator Output Current Shutdown
VEN ≤ 0.8V, VIN ≤ 26V,
VOUT =0
--
10
500
uA


同様の部品番号 - TS29152CZ5C0

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS29152CZ5C0 TSC-TS29152CZ5C0 Datasheet
145Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
More results

同様の説明 - TS29152CZ5C0

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152_13 Datasheet
145Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1583 EXAR-SPX1583 Datasheet
225Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator
XR71211 EXAR-XR71211 Datasheet
1Mb / 12P
   1.5A Ultra Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150 Datasheet
419Kb / 15P
   1.5A ULTRA LOW-DROPOUT REGULATOR
logo
Silicon Standard Corp.
SS8053G SSC-SS8053G Datasheet
444Kb / 3P
   1.5A Ultra Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com