データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS34118 データシート(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS34118
部品情報  Voice Switched Speakerphone Circuit
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34118 データシート(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS34118 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TS34118
Voice Switched Speakerphone Circuit
3/23
Version: A08
Electrical Characteristics - Continue
Parameter
Symbol
Min
Typ
Max
Unit
Attenuators-continued (TA=+25ºC)
TXI input resistance (TXI<350mVrms)
RTXI
7.0
10
14
Gain tracking (GRX + GTX, @ Tx, Idle, Rx)*
GTR
--
±0.1
--
dB
Attenuator Control (TA=+25ºC)
CT voltage (pin 14-VB)
Rx model (VLC=VB)
dle model
Tx model
VCT
--
--
--
+240
0
-240
--
--
--
mV
CT source current(switching to Rx mode)
ICTR
-85
-60
-40
µA
CT sink current(switching to Tx mode)
ICTT
+40
+60
+85
µA
CT slow idle current
ICTS
--
0
--
µA
CT fast idle internal resistance
RFI
1.5
2.0
3.6
Microphone Amplifier (TA=+25ºC,VMUT≤0.8V,AVCL=31dB unless otherwise noted)
Output offset (VMCO-VB, feedback R=180KΩ)
MCOvos
-50
0
+50
mV
Open loop gain (f<100Hz)
AVOLM
70
80
--
dB
Gain bandwidth
GBWM
--
1.0
--
MHz
Output High voltage (Iout=-1.0mA, Vcc=5.0V)
VMCOH
3.7
--
--
V
Output Low voltage (Iout=+1.0mA)
VMCOL
--
--
200
mV
Input bias current (@MCI)
IBM
--
-40
--
nA
Muting (ΔGain) (f=1.0KHz, VMUT=2.0V)
(300Hz<f<10KHz)
GMT
-55
--
--
-68
--
--
dB
MUT input resistance (Vcc=VMUT=6.5V)
RMUT
50
90
--
MUT Input-High
VMUTH
2.0
--
Vcc
V
MUT Input-Low
VMUTL
0
--
0.8
V
Hybrid Amplifiers (TA=+25ºC)
HTO-offset(VHTO- -VB, Feedback R=51KΩ)
HVOS
-20
0
+20
mV
HTO- to HTO+ offset (Feedback R=51KΩ)
HBVOS
-30
0
+30
mV
Open loop gain(HTI to HTO-, f<100Hz)
AVOLH
60
80
--
dB
Gain bandwidth
GBWH
--
1.0
--
MHz
Closed loop gain(HTO- to HTO+)
AVCLH
-0.35
0
+0.35
dB
Input bias current(@HTI)
IBH
--
-30
--
nA
HTO- High voltage (Iout=-5.0mA)
VHT-H
3.7
--
--
V
HTO- Low voltage (Iout=+5.0mA)
VHT-L
--
--
250
mV
HTO+ High voltage (Iout=-5.0mA)
VHT+H
3.7
--
--
V
HTO+ Low voltage (Iout=+5.0mA)
VHT+L
--
--
450
mV
Distortion(300Hz<f<10KHz, see Figure 1)
THDH
--
0.3
--
%
Level Detectors and Background Noise Monitors (TA=+25ºC)
Transmit-Receive switch threshold
(Ratio of current at RLI1 + RLI2 to 20µA
at TLI1 + TLI2 to switch from Tx to Rx)
ITH
0.8
1.0
1.2
Source current at RLO1, RLO2, TLO1, TLO2
ILSO
--
-2.0
--
mA
Sink current at RLO1, RLO2, TLO1, TLO2
ILSK
--
4.0
--
µA
CPR, CPT output resistance (Iout=1.5mA)
RCP
--
35
--
Ω
CPR, CPT leakage current
ICPLK
--
-0.2
--
µA


同様の部品番号 - TS34118

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118 Datasheet
328Kb / 20P
   Voice Switched Speakerphone Circuit
TS34118CD TSC-TS34118CD Datasheet
328Kb / 20P
   Voice Switched Speakerphone Circuit
TS34118CS TSC-TS34118CS Datasheet
328Kb / 20P
   Voice Switched Speakerphone Circuit
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
TS34118CS28C8 TSC-TS34118CS28C8 Datasheet
378Kb / 21P
   Voice Switched Speakerphone Circuit Chip disable for active/standby operation
More results

同様の説明 - TS34118

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
   Voice Switched Speakerphone Circuit
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
   Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
logo
Integral Corp.
IL34118 INTEGRAL-IL34118 Datasheet
632Kb / 12P
   Voice Switched Speakerphone Circuit
logo
Motorola, Inc
MC33218 MOTOROLA-MC33218 Datasheet
41Kb / 1P
   Voice Switched Speakerphone circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com