データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS39103 データシート(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS39103
部品情報  1A Ultra Low Dropout Voltage Regulator with Multi-Function
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39103 データシート(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS39103 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TS39103
1A Ultra Low Dropout Voltage Regulator
with Multi-Function
6/8
Version: A08
Application Information (Continue)
Copper area lay out information
Determine the power dissipation requirements for the design along with the maximum ambient temperature at which
the device will be operated. Refer to power dissipation with copper area curve, which shows safe operating curves for
three different ambient temperatures with 25
oC, 50oC, 85oC. From these curves, the minimum amount of copper can
be determined by knowing the maximum power dissipation required.
PD = (VIN- VOUT) * IOUT + VIN * IGND
If we used a 5.0V output device and a 6V input at an output current of 350mA, then the power dissipation is as follows:
PD = (6.0V- 5.0V) * 350mA + 5V * 4mA
PD = 350mW + 20mW
PD = 370mW
If the maximum ambient temperature is 85
oC and the power dissipation is as above 375mW, the curve is shows that
the required area of copper is 80mm
2.


同様の部品番号 - TS39103

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS39103CP4XXROG TSC-TS39103CP4XXROG Datasheet
205Kb / 8P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39103CP5 TSC-TS39103CP5 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
TS39103CP5 TSC-TS39103CP5 Datasheet
593Kb / 13P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39103CP505 TSC-TS39103CP505 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
TS39103CP51.5 TSC-TS39103CP51.5 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
More results

同様の説明 - TS39103

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100_07 Datasheet
593Kb / 13P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39101 TSC-TS39101 Datasheet
568Kb / 9P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39103 TSC-TS39103_11 Datasheet
205Kb / 8P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS178RL00 TSC-TS178RL00 Datasheet
214Kb / 6P
   1A Ultra Low Dropout Voltage Regulator with Enable Function
TS39153CZ550 TSC-TS39153CZ550 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM550 TSC-TS39301CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39303CM550 TSC-TS39303CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ18 TSC-TS39500CZ18 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ518 TSC-TS39501CZ518 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ525 TSC-TS39501CZ525 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com