データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS39104CSRL データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS39104CSRL
部品情報  1A Ultra Low Dropout Voltage Regulator with Multi-Function
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39104CSRL データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS39104CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39104CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39104CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39104CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39104CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39104CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39104CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39104CSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39104CSRL Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TS39101/2/4
1A Ultra Low Dropout Voltage Regulator
with Multi-Function
1/9
Version: A08
SOP-8
General Description
The TS39101/2/4 are 1A ultra low dropout linear voltage regulators that provide low voltage, high current output from
an extremely small package. These regulators offers extremely low dropout (typically 400mV at 1A) and very low
ground current (typically 12mA at 1A).
The TS39101/2/4 are fully protected against over current faults, reversed input polarity, reversed lead insertion, over
temperature operation, positive and negative transient voltage spikes, logic level enable control and error flag which
signals whenever the output falls out of regulation.
On the TS39101/2/4, the enable pin may be tied to Vin if it is not required for enable control.
Features
Dropout voltage typically 0.4V @Io=1.0A
Output Current up to 1A
Low Ground Current
Extremely Fast Transient Response
Reversed Leakage & Reverse Battery Protection
Error Flag Signals Output (TS39101 only)
Current Limit & Thermal Shutdown Protection
Application
ULDO Linear Regulator for PC add-in Cards
PowerPC
TM Power Supplies
Battery Powered Equipment
Consumer and Personal Electronics
High Efficiency Linear Power Supplies
SMPS Post Regulator and DC to DC Modules
High-efficiency Post Regulator for Switching Supply
Portable Application
Low-Voltage microcontrollers and Digital Logic
Ordering Information
Part No.
Package
Packing
TS39101CSxx RL
SOP-8
2.5Kpcs / 13” Reel
TS39102CS RL
SOP-8
2.5Kpcs / 13” Reel
TS39104CS RL
SOP-8
2.5Kpcs / 13” Reel
Note: Where xx denotes voltage option, available are
18=1.8V
25=2.5V
33=3.3V
50=5.0V
Leave blank for adjustable version (TS39102/4)
Contact to factory for addition output voltage option.
Typical Application Circuit
TS39101
TS39102/4
Pin Definition:
TS39101CSxx
TS39102CS
TS39104CS
1. Enable
1. Enable
1. Enable
2. Input
2. Input
2. Input
3. Output
3. Output
3. Feedback
4. Flag
4. Feedback
4. Output
5.6.7.8. Ground
5.6.7.8. Ground
5.6.7.8. Ground


同様の部品番号 - TS39104CSRL

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS39104CS TSC-TS39104CS Datasheet
593Kb / 13P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

同様の説明 - TS39104CSRL

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100_07 Datasheet
593Kb / 13P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39103 TSC-TS39103 Datasheet
425Kb / 8P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39103 TSC-TS39103_11 Datasheet
205Kb / 8P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS178RL00 TSC-TS178RL00 Datasheet
214Kb / 6P
   1A Ultra Low Dropout Voltage Regulator with Enable Function
TS39153CZ550 TSC-TS39153CZ550 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM550 TSC-TS39301CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39303CM550 TSC-TS39303CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ18 TSC-TS39500CZ18 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ518 TSC-TS39501CZ518 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ525 TSC-TS39501CZ525 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com