データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5175 データシート(PDF) 8 Page - Analog Devices

部品番号 AD5175
部品情報  Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5175 データシート(HTML) 8 Page - Analog Devices

Back Button AD5175 Datasheet HTML 4Page - Analog Devices AD5175 Datasheet HTML 5Page - Analog Devices AD5175 Datasheet HTML 6Page - Analog Devices AD5175 Datasheet HTML 7Page - Analog Devices AD5175 Datasheet HTML 8Page - Analog Devices AD5175 Datasheet HTML 9Page - Analog Devices AD5175 Datasheet HTML 10Page - Analog Devices AD5175 Datasheet HTML 11Page - Analog Devices AD5175 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD5175
Rev. 0 | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0
128
256
384
512
640
768
896
1023
CODE (Decimal)
+25°C
–40°C
+125°C
Figure 6. R-INL in Normal Mode vs. Code vs. Temperature
0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0
128
256
384
512
640
768
896
1023
CODE (Decimal)
+25°C
–40°C
+125°C
Figure 7. R-DNL in Normal Mode vs. Code vs. Temperature
700
600
500
400
300
200
100
0
0
128
256
384
512
640
768
896
1023
CODE (Decimal)
VDD/VSS = 5V/0V
Figure 8. Tempco ΔRWA/ΔT vs. Code
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VOLTAGE (V)
VDD/VSS = 5V/0V
Figure 9. Supply Current (IDD) vs. Digital Input Voltage
–500
–400
–300
–200
–100
0
100
200
300
400
500
TEMPERATURE (°C)
–40 –30 –20 –10 0
20 30 40 50 60 70 80 90 100 110
10
IDD = 5V
ISS = 5V
IDD = 3V
ISS = 3V
Figure 10. Supply Current (IDD, ISS) vs. Temperature
7
0
1
2
3
4
5
6
0
1023
850
765
935
680
510 595
340 425
170 255
85
CODE (Decimal)
VDD/VSS = 5V/0V
Figure 11. Theoretical Maximum Current vs. Code


同様の部品番号 - AD5175

メーカー部品番号データシート部品情報
logo
Analog Devices
AD517 AD-AD517 Datasheet
312Kb / 6P
   Low Cost, Laser Trimmed, Precision IC Op Amp
REV. A
AD5170 AD-AD5170 Datasheet
900Kb / 24P
   256-Position Two-Time Programmable I2C Digital Potentiometer
REV. A
AD5170BRM10 AD-AD5170BRM10 Datasheet
900Kb / 24P
   256-Position Two-Time Programmable I2C Digital Potentiometer
REV. A
AD5170BRM10-RL7 AD-AD5170BRM10-RL7 Datasheet
900Kb / 24P
   256-Position Two-Time Programmable I2C Digital Potentiometer
REV. A
AD5170BRM100 AD-AD5170BRM100 Datasheet
900Kb / 24P
   256-Position Two-Time Programmable I2C Digital Potentiometer
REV. A
More results

同様の説明 - AD5175

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5174 AD-AD5174 Datasheet
1,009Kb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
REV. 0
AD5272BRMZ-20 AD-AD5272BRMZ-20 Datasheet
713Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272 AD-AD5272 Datasheet
720Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5270 AD-AD5270 Datasheet
725Kb / 24P
   1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com