データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADRF6655 データシート(PDF) 8 Page - Analog Devices

部品番号 ADRF6655
部品情報  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADRF6655 データシート(HTML) 8 Page - Analog Devices

Back Button ADRF6655 Datasheet HTML 4Page - Analog Devices ADRF6655 Datasheet HTML 5Page - Analog Devices ADRF6655 Datasheet HTML 6Page - Analog Devices ADRF6655 Datasheet HTML 7Page - Analog Devices ADRF6655 Datasheet HTML 8Page - Analog Devices ADRF6655 Datasheet HTML 9Page - Analog Devices ADRF6655 Datasheet HTML 10Page - Analog Devices ADRF6655 Datasheet HTML 11Page - Analog Devices ADRF6655 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
ADRF6655
Rev. 0 | Page 8 of 44
Pin No.
Mnemonic
Description
5
RSET
Charge Pump Current. The nominal charge pump current can be set to either 250 μA, 500 μA, 750 μA,
or 1 mA using DB10 and DB11 of Register 4 and by setting DB18 to 0 (internal reference current).
In this mode, no external RSET is required. If DB18 is set to 1, the four nominal charge pump currents
(INOMINAL) can be externally tweaked according to
[]
8
.
37
250
4
.
217
,
⎥⎦
⎢⎣
×
=
Ω
BASE
CP
I
RSET
where ICP, BASE is the base charge pump current in μA.
For further details on the charge pump current,see the Register 4—Charge Pump, PFD, and Reference
Path Control section.
6
REFIN
Reference Input. Nominal input level is 1 V p-p. Input range is 10 MHz to 160 MHz. This pin must be
ac-coupled.
8
MUXOUT
Multiplexer Output. This output allows either a digital lock detect, a voltage proportional to temperature,
or a buffered, frequency-scaled reference signal to be accessed externally. The output is selected by
programming the appropriate bits in Register 4.
9
DECL2
Decoupling Node for 2.5 V LDO. Pin should be decoupled with 100 pF, 0.1 μF, and 10 μF capacitors
located close to the pin.
10
VCC2
Power Supply for Internal 2.5 V LDO. The power supply voltage range is 4.75 V to 5.25 V. Supply pin
should be decoupled with 100 pF and 0.1 μF capacitors located close to the pin.
12
DATA
Serial Data Input. The serial data input is loaded MSB first with the three LSBs being the control bits.
13
CLK
Serial Clock Input. This serial clock input is used to clock in the serial data to the registers. The data
is latched into the 24-bit shift register on the CLK rising edge. Maximum clock frequency is 20 MHz.
14
LE
Load Enable. When the LE input pin goes high, the data stored in the shift registers is loaded into one
of the six registers, the relevant latch being selected by the first three control bits of the 24-bit word.
16, 32, 33
NC
No Connection.
17, 34
VCCLO
Power Supply for LO Path. The power supply voltage range is 4.75 V to 5.25 V. Supply pin should be
decoupled with 100 pF and 0.1 μF capacitors located close to the pin.
18,19
OUTN, OUTP
Mixer IF Outputs. These pins should be pulled to VCC with RF chokes.
22
VCCV2I
Power Supply for Voltage to Current Input Stage. The power supply voltage range is 4.75 V to 5.25 V.
Supply pin should be decoupled with 100 pF and 0.1 μF capacitors located close to the pin.
25, 26
INN, INP
Mixer RF Inputs. Differential RF Inputs. Internally matched to 50 Ω. This pin must be ac-coupled.
27
VCCMIX
Power Supply for Mixer. The power supply voltage range is 4.75 V to 5.25 V. Supply pin should be
decoupled with 100 pF and 0.1 μF capacitors located close to the pin.
29
IP3SET
Connect Resistor to VCC to Adjust IP3.
37, 38
LON, LOP
Local Oscillator Input/Output. The internally generated 1 × fLO is available on these pins. When internal
LO generation is disabled, an external 2 × fLO or 3 × fLO (depending on divider selection) can be applied
to these pins. This pin must be ac-coupled.
39
VTUNE
VCO Control Voltage Input. This pin is driven by the output of the loop filter. Nominal input voltage
range on this pin is 1 V to 2.8 V.
40
DECL3
Decoupling Node for VCO LDO. Connect a 100 pF capacitor and a 10 μF capacitor between this pin
and ground.
EPAD (EP)
The exposed paddle should be soldered to a low impedance ground plane.


同様の部品番号 - ADRF6655

メーカー部品番号データシート部品情報
logo
Analog Devices
ADRF6650 AD-ADRF6650 Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6650-EVALZ AD-ADRF6650-EVALZ Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6650ACPZ AD-ADRF6650ACPZ Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6650ACPZ-RL7 AD-ADRF6650ACPZ-RL7 Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6658 AD-ADRF6658 Datasheet
679Kb / 31P
   Wideband, Dual Rx Mixers with Integrated IF Amplifiers
More results

同様の説明 - ADRF6655

メーカー部品番号データシート部品情報
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
   Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
   Fractional-N PLL with Integrated VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC764LP6CE AD-HMC764LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC765LP6CE AD-HMC765LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com