データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADRF6655-EVALZ データシート(PDF) 7 Page - Analog Devices

部品番号 ADRF6655-EVALZ
部品情報  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADRF6655-EVALZ データシート(HTML) 7 Page - Analog Devices

Back Button ADRF6655-EVALZ Datasheet HTML 3Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 4Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 5Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 6Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 7Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 8Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 9Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 10Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
ADRF6655
Rev. 0 | Page 7 of 44
PIN CONFIGURATION AND FUNCTION DESPCRIPTIONS
VCO
LDO
3.3V
LDO
PD +
CHARGE
PUMP
SERIAL
PORT
PROGRAMMABLE
DIVIDER
PRESCALER
MODULUS
INTEGER
FRACTION
VCO
BAND
AND
CURRENT
CAL/SET
PFD
2.5V
LDO
÷2 OR ÷3
÷2 OR ÷4
×2
NC = NO CONNECT
1
VCC1
2
DECL1
3
CP
4
GND
5
RSET
6
REFIN
7
GND
8
MUXOUT
9
DECL2
10
VCC2
23 GND
24 GND
25 INN
26 INP
27 VCCMIX
28 GND
29 IP3SET
30 GND
22 VCCV2I
21 GND
ADRF6655
WIDEBAND
UP/DOWN
CONVERTER
MUX
MUX
ENABLE
VCO
CORE
6
6
THIRD-ORDER
SDM
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VCC1
Power Supply for Internal 3.3 V LDO. The power supply voltage range is 4.75 V to 5.25 V. Supply pin should
be decoupled with 100 pF and 0.1 μF capacitors located close to the pin.
2
DECL1
Decoupling Node for 3.3 V LDO. Pin should be decoupled with 100 pF, 0.1 μF, and 10 μF capacitors
located close to the pin.
3
CP
Charge Pump Output Pin. Connect this pin to VTUNE through the loop filter.
4, 7, 11, 15,
20, 21, 23,
24, 28, 30,
31, 35, 36
GND
Ground. Connect these pins to a low impedance ground plane.


同様の部品番号 - ADRF6655-EVALZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADRF6650 AD-ADRF6650 Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6650-EVALZ AD-ADRF6650-EVALZ Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6650ACPZ AD-ADRF6650ACPZ Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6650ACPZ-RL7 AD-ADRF6650ACPZ-RL7 Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6658 AD-ADRF6658 Datasheet
679Kb / 31P
   Wideband, Dual Rx Mixers with Integrated IF Amplifiers
More results

同様の説明 - ADRF6655-EVALZ

メーカー部品番号データシート部品情報
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
   Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
   Fractional-N PLL with Integrated VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC764LP6CE AD-HMC764LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC765LP6CE AD-HMC765LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com