データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A-20GV2-B データシート(PDF) 4 Page - Omron Electronics LLC

部品番号 A-20GV2-B
部品情報  Snap Action Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A-20GV2-B データシート(HTML) 4 Page - Omron Electronics LLC

  A-20GV2-B Datasheet HTML 1Page - Omron Electronics LLC A-20GV2-B Datasheet HTML 2Page - Omron Electronics LLC A-20GV2-B Datasheet HTML 3Page - Omron Electronics LLC A-20GV2-B Datasheet HTML 4Page - Omron Electronics LLC A-20GV2-B Datasheet HTML 5Page - Omron Electronics LLC A-20GV2-B Datasheet HTML 6Page - Omron Electronics LLC A-20GV2-B Datasheet HTML 7Page - Omron Electronics LLC A-20GV2-B Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
22
Snap Action Switch
A
Note: 1. All drawings show the switches with screw terminals. For solder terminals, remove the “-B” from the end of the part number
2. Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions.
49.2
11.9
25.4
±0.1
19.05
±0.25
24.2
17.45
±0.2
OP
PT
9.2
2.3SR *
+0.075
−0.025
* Stainless-steel plunger
2.3 dia.
4.2
dia. hole
+0.075
−0.025
4.2
dia.
+0.1
−0.05
4.36
dia.
Pin Plunger
A-20G-B
24.2
7.5
OP
PT
7.15
dia.
11.2 dia.
15 dia.
11.9SR *
19.05
±0.25
* Stainless-steel plunger
Short Spring Plunger
A-20GD-B
OP
16.3
*2
13.1
PT
8.35 dia.
11.9SR *1
19.05
±0.25
M12
× 1 mounting screw
16 dia.
*1
Stainless-steel plunger
*2 Incomplete screw part with a maximum length of 1.5 mm.
Two hexagon nuts
(2 t
× 14 width across flats)
Two lock nuts
(2 t
× 15.6 width across flats)
Panel Mount Plunger
A-20GQ-B
Note: Do not use both M12
mounting
screw
and
mounting holes at the
same time.
OP
16.3
*2
15.5
PT
19.05
±0.25
M12
× 1 mounting screw
Two hexagon nuts
(3 t
× 17 width across flats)
12.7 dia.
× 4.8 *1
16 dia.
*1
Stainless-steel roller
*2 Incomplete screw part with a maximum length of 1.5 mm.
Panel Mount Roller Plunger
A-20GQ22-B
Note: Do not use both M12
mounting
screw
and
mounting holes at the
same time.
OP
16.3
*2
15.5
PT
19.05
±0.25
M12
× 1 mounting screw
Two hexagon nuts
(3 t
× 17 width across flats)
12.7 dia.
× 4.8 *1
16 dia.
*1
Stainless-steel roller
*2 Incomplete screw part with a maximum length of 1.5 mm.
Panel Mount Cross Roller Plunger
A-20GQ21-B
Note: Do not use both M12
mounting
screw
and
mounting holes at the
same time.


同様の部品番号 - A-20GV2-B

メーカー部品番号データシート部品情報
logo
Pentair plc. All rights...
A-20 PENTAIR-A-20 Datasheet
193Kb / 2P
   OPAQUE FILTER HOUSING
logo
List of Unclassifed Man...
A-20-LC-7-T ETC1-A-20-LC-7-T Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-20-LC-T2 ETC1-A-20-LC-T2 Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-20-LC-TR ETC1-A-20-LC-TR Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-20-LC-TT ETC1-A-20-LC-TT Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
More results

同様の説明 - A-20GV2-B

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com