データシートサーチシステム |
|
SS-01GL13-ED データシート(PDF) 6 Page - Omron Electronics LLC |
|
SS-01GL13-ED データシート(HTML) 6 Page - Omron Electronics LLC |
6 / 10 page 100 Snap Action Switch SS Hinge Lever Models SS-01GL(-E, -F) SS-5GL(-F) SS-10GL 2.35 +0.075 –0.05 Three, 1.6 dia. t = 0.3 (see note 1) 2.35 +0.075 –0.05 dia. holes 6.4 3.2 6.4 3.6 14.5 (see note 2) FP OP 10.2 9.5 2.5 ±0.07 dia. 2.5 2.9 8.8 7.3 5.1 Note: 1. Stainless-steel lever 2. Besides the SS- GL models with a hinge lever length of 14.5, the SS- GL11 models with a hinge lever length of 18.5, the SS- GL111 models with a hinge lever length of 22.6, and the SS- GL1111 models with a hinge lever length of 37.8 are available. Contact your OMRON representative for these models 19.8 9.5 ±0.1 1.6 A Characteristics SS-01GL-E SS-01GL-F, SS-5GL-F SS-01GL, SS-5GL SS-10GL OF max. 8 g 16 g 50 g 50 g RF min. 1 g 2 g6 g6 g OT min. 1.2 mm 1.2 mm 1.2 mm 1.0 mm MD max. 0.8 mm 0.8 mm 0.8 mm 1.0 mm FP max. 13.6 mm OP 8.8 ± 0.8 mm Simulated Roller Lever Models SS-01GL13(-E, -F) SS-5GL13(-F) SS-10GL13 2.35 +0.075 –0.05 Three, 1.6 dia. 2.35 +0.075 –0.05 dia. holes 1.3R t = 0.3 (see note) 2.5 ±0.07 dia. FP OP 10.2 9.5 6.4 3.2 6.4 3.6 8.8 7.3 5.1 15.8 2.5 2.9 Note: Stainless-steel spring lever 19.8 9.5 ±0.1 1.6 A Characteristics SS-10GL13-E SS-10GL13-F, SS-5GL13-F SS-01GL13, SS-5GL13 SS-10GL13 OF max. 8 g 16 g 50 g 50 g RF min. 1 g2 g 6 g6 g OT min. 1.2 mm 1.2 mm 1.2 mm 1.0 mm MD max. 0.8 mm 0.8 mm 0.8 mm 1.0 mm FP max. 15.5 mm OP 10.7 ±0.8 mm Hinge Roller Lever Models SS-01GL2(-E, -F) SS-5GL2(-F) SS-10GL2 Three, 1.6 dia. 2.35 +0.075 –0.05 dia. 2.35 +0.075 –0.05 dia. holes 4.8 dia. × 3.2 (see note 2) Note: 1. Stainless-steel spring lever 2. Polyacetal resin roller 2.5 ±0.07 dia. t = 0.3 (see note 1) 2.5 2.9 14.5 FP OP 10.2 9.5 6.4 8.8 7.3 5.1 19.8 3.2 6.4 9.5 ±0.1 1.6 A Characteristics SS-01GL2-E SS-01GL2-F, SS-5GL2-F SS-01GL2, SS-5GL2 SS-10GL2 OF max. 8 g 16 g 50 g 50 g RF min. 1 g2 g 6 g6 g OT min. 1.2 mm 1.2 m 1.2 mm 1.0 mm MD max. 0.8 mm 0.8 mm 0.8 mm 1.0 mm FP max. 19.3 mm OP 14.5 ± 0.8 mm |
同様の部品番号 - SS-01GL13-ED |
|
同様の説明 - SS-01GL13-ED |