データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

V-15G1-1C25-K データシート(PDF) 10 Page - Omron Electronics LLC

部品番号 V-15G1-1C25-K
部品情報  Snap Action Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-15G1-1C25-K データシート(HTML) 10 Page - Omron Electronics LLC

Back Button V-15G1-1C25-K Datasheet HTML 6Page - Omron Electronics LLC V-15G1-1C25-K Datasheet HTML 7Page - Omron Electronics LLC V-15G1-1C25-K Datasheet HTML 8Page - Omron Electronics LLC V-15G1-1C25-K Datasheet HTML 9Page - Omron Electronics LLC V-15G1-1C25-K Datasheet HTML 10Page - Omron Electronics LLC V-15G1-1C25-K Datasheet HTML 11Page - Omron Electronics LLC V-15G1-1C25-K Datasheet HTML 12Page - Omron Electronics LLC V-15G1-1C25-K Datasheet HTML 13Page - Omron Electronics LLC V-15G1-1C25-K Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
130
Snap Action Switch
V
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
2. The following illustrations and drawings are for quick-connect terminals (#250) (terminals C). V models also incorporate terminals A and C2,
which are omitted from the following drawings. Refer to Terminals section for the dimensions of these terminals.
3. The
@ in the model number is for the terminal code.
4. The illustrations for V-21, V-16 and V-11 show a hole size of 3.1 mm. V-21, V-16 and V-11 models with a suffix “K” have a hole size of 2.9 mm.
5. The operating characteristics are for operation in the A direction (
).
Short Hinge Lever Models
Hinge Lever Models
Long Hinge Lever Models
V-211-1 6
V-161-1 5
V-111-1 4
3.1
+0.13
–0.03
dia. holes
3.1
+0.13
–0.03
3.4
±0.15 dia.
t = 0.5
(see
note)
t=0.8
Three, quick-connect
terminals (#250)
22.1
8.1
PT
OP
2.8
10.3
±0.1
2.8
(12.0)
27.8
22.2
±0.1
39.8
±0.8
1.6
2.8
8.4
15.9
19.1
0.6
2.8
4.3
10.3
Note:
Stainless-steel lever
A
Characteristics V-211-1
@6 V-161-1@5 V-111-1@4
OF max.
400 gf
200 gf
100 gf
RF min.
50 gf
50 gf
15 gf
PT max.
1.6 mm
OT min.
0.8 mm
MD max.
0.6 mm
OP
15.2
± 0.5 mm
3.1
+0.13
–0.03
dia. holes
3.1
+0.13
–0.03
3.4
±0.15 dia.
t = 0.5
(see note)
t=0.8
Three, quick-connect
terminals (#250)
35.6
±0.8
8.1
1.6
PT
OP
2.8
10.3
±0.1
22.2
±0.1
(12.0)
2.8
27.8
39.8
±0.8
2.8
15.9
8.4
19.1
0.6
2.8
4.3
10.3
V-212-1 6
V-162-1 5
V-112-1 4
Note:
Stainless-steel lever
A
Characteristics V-212-1
@6 V-162-1@5 V-112-1@4
OF max.
250 gf
125 gf
60 gf
RF min.
25 gf
14 gf
6 gf
PT max.
4.0 mm
OT min.
1.6 mm
MD max.
1.5 mm
OP
15.2
± 1.2 mm
3.1
+0.13
–0.03
dia. holes
3.1
+0.13
–0.03
3.4
±0.15 dia.
t = 0.5 (see note)
t=0.8
Three, quick-connect
terminals (#250)
59.4
±0.8
PT
OP
2.8
10.3
±0.1
22.2
±0.1
(12.0)
2.8
27.8
39.8
±0.8
2.8
8.4
15.9
19.1
0.6
2.8
4.3
10.3
V-213-1 6
V-163-1 5
V-113-1 4
Note:
Stainless-steel lever
1.6
A
Characteristics V-213-1
@6 V-163-1@5
V-113-1
@4
OF max.
130 gf
70 gf
35 gf
RF min.
12 gf
6 gf
- - -
PT max.
9.0 mm
OT min.
2.0 mm
3.2 mm
MD max.
2.8 mm
OP
15.2
± 2.6 mm
15.2
mm
+2.6
−3.2


同様の部品番号 - V-15G1-1C25-K

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
V-15G1-1C25-K OMRON-V-15G1-1C25-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-15G1-1C25-K OMRON-V-15G1-1C25-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-15G1-1C25-K OMRON-V-15G1-1C25-K Datasheet
1Mb / 16P
   Snap Action Switch
More results

同様の説明 - V-15G1-1C25-K

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com