データシートサーチシステム |
|
SS19 データシート(PDF) 1 Page - RFE international |
|
SS19 データシート(HTML) 1 Page - RFE international |
|
1 / 1 page SURFACE MOUNT: Super Fast Recovery Schottky & Bridge Rectifiers 4.675 4.725 2.13 2.43 2.005 5.35 3.52 3.58 5.45 2.055 (DO-214AA) (DO-214AC) 6.60 7.11 2.00 2.62 2.92 7.75 5.59 6.22 8.13 3.07 C (DO-214AB) SCHOTTKY DIODE Operating Temperature: -65°C to 150°C RFE Cross- Max.Average Peak Peak Fwd Surge Max Forward Max. Reverse Package Outline Part Number Reference Rect. Current Inverse Current @ 8.3ms Voltage @ Ta 25°C Current @ 25°C (Dimensions in mm) Voltage Superimposed @ Rated PIV @ Rated PIV IO(A) PIV(V) IFSM(A) VFM(V) IR(mA) 7"/13" Reel LL5817 1.0 A 20 25 0.45 1.0 1500/5000 LL5818 1.0 A 30 25 0.55 1.0 1500/5000 LL5819 1.0 A 40 25 0.60 1.0 1500/5000 SS12 1.0 A 20 30 0.50 0.5 1800/7500 SS13 1.0 A 30 30 0.50 0.5 1800/7500 SS14 1.0 A 40 30 0.50 0.5 1800/7500 SS15 1.0 A 50 30 0.75 0.5 1800/7500 SS16 1.0 A 60 30 0.75 0.5 1800/7500 SS19 1.0 A 90 30 0.79 0.5 1800/7500 SS1B 1.0 A 100 30 0.79 0.5 1800/7500 SS22 2.0 A 20 50 0.50 0.5 750/3200 SS23 2.0 A 30 50 0.50 0.5 750/3200 SS24 2.0 A 40 50 0.50 0.5 750/3200 SS25 2.0 A 50 50 0.70 0.5 750/3200 SS26 2.0 A 60 50 0.70 0.5 750/3200 SS29 2.0 A 90 50 0.79 0.1 750/3200 SS2B 2.0 A 100 50 0.79 0.1 750/3200 SS32 3.0 A 20 100 0.50 0.5 850/3500 SS33 3.0 A 30 100 0.50 0.5 850/3500 SS34 3.0 A 40 100 0.50 0.5 850/3500 SS35 3.0 A 50 100 0.75 0.5 850/3500 SS36 3.0 A 60 100 0.75 0.5 850/3500 SS39 3.0 A 90 100 0.79 0.6 850/3500 SS3B 3.0 A 100 100 0.79 0.6 850/3500 DBS101G DF005S 1.0 A 50 50 1.1 10.0 100 tubes DBS102G DF01 1.0 A 100 50 1.1 10.0 of 50 DBS103G DF02 1.0 A 200 50 1.1 10.0 DBS104G DF04 1.0 A 400 50 1.1 10.0 DBS105G DF06 1.0 A 600 50 1.1 10.0 DBS106G DF08 1.0 A 800 50 1.1 10.0 DBS107G DF10 1.0 A 1000 50 1.1 10.0 DBS151G 1.5 A 50 50 1.1 10.0 100 tubes DBS152G 1.5 A 100 50 1.1 10.0 of 50 DBS153G 1.5 A 200 50 1.1 10.0 DBS154G 1.5 A 400 50 1.1 10.0 DBS155G 1.5 A 600 50 1.1 10.0 DBS156G 1.5 A 800 50 1.1 10.0 DBS157G 1.5 A 1000 50 1.1 10.0 DBS 7.90 1.20 5.20 7.90 10.30 1.20 6.50 MB (in inches) 0.098 0.185 0.023 0.010 0.150 0.200 0.262 GLASS PASSIVATED BRIDGE RECTIFIER Operating Temperature: -65°C to 150°C RFE Cross- Max.Average Peak Peak Fwd Surge Max Forward Max. Reverse Package Outline Part Number Reference Rect. Current Inverse Current @ 8.3ms Voltage @ Ta 25°C Current @ 25°C (Dimensions in mm) Voltage Superimposed @ Rated PIV @ Rated PIV IO(A) PIV(V) IFSM(A) VFM(V) IR(mA) Tube MB2S 0.5 A 200 30 1.0 5.0 MB4S 0.5 A 400 30 1.0 5.0 MB6S 0.5 A 600 30 1.0 5.0 S40 0.8 A 80 30 1.2 10 S80 0.8 A 160 30 1.2 10 S125 0.8 A 250 30 1.2 10 S250 0.8 A 500 30 1.2 10 S380 0.8 A 800 30 1.2 10 S500 0.8 A 1000 30 1.2 10 Mini DF 2.4 4.7 0.6 2.54 3.9 5.0 6.5 6.60 7.11 2.13 2.44 2.92 7.75 5.59 6.22 8.13 3.07 C Operating Temperature: -50 C to 150 C Part Cross- Max.Average Peak Peak Fwd Surge Max Forward Max. Reverse Max Reverse Package Outline Number Reference Rect. Current Inverse Current @ 8.3ms Voltage @ Ta 25 C Current @ 25 C Recovery Time (Dimensions in mm) Voltage Superimposed @ Rated PIV @ Rated PIV @ Rated PIV IO(A) PIV(V) IFSM(A) VFM(V) IR(mA) TRR(nS) 7"/13"Reel ES3A 3.0A 50 100 0.95 5 35 850/3500 ES3B 3.0A 100 100 0.95 5 35 850/3500 ES3C 3.0A 150 100 0.95 5 35 850/3500 ES3D 3.0A 200 100 0.95 5 35 850/3500 ES3E 3.0A 300 100 1.25 5 35 850/3500 ES3G 3.0A 400 100 1.25 5 35 850/3500 ES3J 3.0A 500 100 1.7 5 35 850/3500 SUPER FAST RECOVERY DIODE ES1_ & ES2_ are on the previous page. 4.25 4.75 1.98 2.61 1.43 5.26 2.54 2.83 5.46 1.58 A MINIMELF .06 06 58 4.82 27 64 29 29 92 30 93 1.91 41 1 1.91 1 1 57 06 57 1.91 41 1.95 2.21 20 58 C3B03 REV 2001 RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com |
同様の部品番号 - SS19 |
|
同様の説明 - SS19 |