データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC005-450 データシート(PDF) 3 Page - RFE international

部品番号 TC005-450
部品情報  TEMPERATURE COMPENSATING THERMISTORS TC Series: Radial Leaded
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFE [RFE international]
ホームページ  http://www.rfeinc.com
Logo RFE - RFE international

TC005-450 データシート(HTML) 3 Page - RFE international

  TC005-450 Datasheet HTML 1Page - RFE international TC005-450 Datasheet HTML 2Page - RFE international TC005-450 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Part Number
Zero Power
Resistance
at 25°C (W)
B-Constant
(25/50) (K)
Max. Permissible
Current at 25°C
(mA)
Thermal Dissipation
Constant (mW /°C)
Thermal Time
Constant (sec)
Operating
Temperature
(°C)
TC005-3R0
3
2200
770
9
16
-30 ~ +125
TC005-5R0
5
2400
610
9
16
-30 ~ +125
TC005-7R0
7
2500
570
9
19
-30 ~ +125
TC005-100
10
2600
500
9
22
-30 ~ +125
TC005-150
15
2800
390
9
19
-30 ~ +125
TC005-200
20
2800
350
9
25
-30 ~ +125
TC005-250
25
2900
300
8
19
-30 ~ +125
TC005-400
40
3100
285
9
21
-30 ~ +125
TC005-450
45
3100
270
9
23
-30 ~ +125
TC005-500
50
3100
250
9
19
-30 ~ +125
TC005-600
60
3100
220
9
21
-30 ~ +125
TC005-850
85
3100
180
9
22
-30 ~ +125
TC005-101
100
3100
170
9
19
-30 ~ +125
TC005-121
120
3100
145
8
20
-30 ~ +125
TC005-131
130
3300
140
8
17
-30 ~ +125
TC005-151
150
3200
140
9
19
-30 ~ +125
TC005-181
180
3500
135
8
20
-30 ~ +125
TC005-201
200
3500
130
9
-30 ~ +125
17
TC005-221
220
3500
125
9
-30 ~ +125
20
TC005-251
250
3500
120
9
-30 ~ +125
21
TC005-351
350
3500
100
9
-30 ~ +125
22
TC005-301
300
3500
150
9
-30 ~ +125
22
TC005-471
470
3500
95
9
-30 ~ +125
28
TC005-501
500
3800
95
9
-30 ~ +125
22
TC005-681
680
3800
75
9
-30 ~ +125
18
TC005-701
700
3800
75
8
-30 ~ +125
17
TC005-901
900
3800
70
9
-30 ~ +125
22
TC005-102
1000
3800
70
9
-30 ~ +125
22
TC005-152
1500
3900
55
8
-30 ~ +125
22
TC005-192
1900
3900
55
9
-30 ~ +125
22
TC005-202
2000
3900
50
9
-30 ~ +125
21
TC005-222
2200
4000
50
9
-30 ~ +125
21
TC005-252
2500
4000
50
9
-30 ~ +125
21
TC005-302
3000
4000
40
9
-30 ~ +125
20
TC005-332
3300
4000
35
9
-30 ~ +125
19
TC005-352
3500
4000
35
9
-30 ~ +125
16
4000
TC005-402
4000
35
8
-30 ~ +125
20
TC005-472
4700
4000
30
8
-30 ~ +125
21
TC005-502
5000
3950
30
9
-30 ~ +125
21
TC005-503
50000
4300
17
-30 ~ +125
10
9
TC005-683
68000
4300
17
-30 ~ +125
10
10
TC005-104
100000
4400
24
-30 ~ +125
10
8
TC005-602
6000
4050
22
-30 ~ +125
30
8
TC005-802
8000
4050
23
-30 ~ +125
25
8
TC005-103
10000
4050
21
-30 ~ +125
20
8
TC005-682
6800
4000
20
-30 ~ +125
25
9
TC005-123
12000
4050
18
-30 ~ +125
20
8
TC005-153
15000
4150
22
-30 ~ +125
20
9
TC005-203
20000
4250
23
-30 ~ +125
20
9
TC005-253
25000
4250
25
-30 ~ +125
20
9
TC005-303
30000
4250
26
-30 ~ +125
15
9
TC005-403
40000
4250
20
-30 ~ +125
15
9
TC005-473
47000
4300
20
-30 ~ +125
15
9
TC005-154
150000
4500
17
-30 ~ +125
5
8
TC005-204
200000
4600
15
-30 ~ +125
5
9
TC005-404
400000
4600
15
-30 ~ +125
4
8
TC005-474
470000
4600
14
-30 ~ +125
3
9
TC005-334
330000
4600
16
-30 ~ +125
4
9
SPECIFICATIONS
TEMPERATURE COMPENSATING THERMISTORS
TC Series: Radial Leaded
C6A03
2004.9.20
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


同様の部品番号 - TC005-450

メーカー部品番号データシート部品情報
logo
RFE international
TC003-202J-3950J RFE-TC003-202J-3950J Datasheet
56Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS FT Series: Coated Leaded Chip Type
logo
SHENZHEN FUMAN ELECTRON...
TC0031 FUMAN-TC0031 Datasheet
175Kb / 4P
   2W audio power amplifier IC
logo
Allen-Bradley
TC006 ALLEN-BRADLEY-TC006 Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
More results

同様の説明 - TC005-450

メーカー部品番号データシート部品情報
logo
RFE international
FT003-202 RFE-FT003-202 Datasheet
56Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS FT Series: Coated Leaded Chip Type
logo
Vishay Siliconix
PTCSL20 VISHAY-PTCSL20 Datasheet
91Kb / 4P
   PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
Revision: 04-Dec-15
PTCSL03 VISHAY-PTCSL03 Datasheet
125Kb / 4P
   PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
Revision: 02-Mar-16
logo
RFE international
SS113 RFE-SS113 Datasheet
88Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS SS Series: Probes
logo
Vishay Siliconix
PTCSL VISHAY-PTCSL Datasheet
109Kb / 5P
   PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
02-Oct-12
PTCSL03 VISHAY-PTCSL03_V01 Datasheet
87Kb / 4P
   PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
01-Jan-2022
logo
RFE international
ST16-502 RFE-ST16-502 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
logo
Vishay Siliconix
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
   NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 18-May-11
NTCLE100E3223JB0 VISHAY-NTCLE100E3223JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3103HB0 VISHAY-NTCLE100E3103HB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com