データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

40-3574-11 データシート(PDF) 1 Page - Aries Electronics, Inc.

部品番号 40-3574-11
部品情報  Quick-Release Universal Zero-Insertion-Force DIP Test Socket
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARIES [Aries Electronics, Inc.]
ホームページ  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

40-3574-11 データシート(HTML) 1 Page - Aries Electronics, Inc.

  40-3574-11 Datasheet HTML 1Page - Aries Electronics, Inc. 40-3574-11 Datasheet HTML 2Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
FEATURES
• Universal Test Socket accepts devices on 0.300 to 0.600 [7.62 to 15.24] centers
• All pin count sockets go into PCB with either 0.300 or 0.600 [7.62 to 15.24] centers
• Swing quick-release handle down to open contacts and insert device. Release and
handle automatically returns as contacts close onto device leads
• Socket handle can be mounted on either the right or left side
• Sockets can be soldered into PCBs or plugged into any socket
GENERAL SPECIFICATIONS
• STANDARD SOCKET BODY: (for -10, -10TL, -11, -16 sockets) black UL 94V-0
glass-filled Polyphenylene Sulfide (PPS)
• HIGH-TEMPERATURE SOCKET BODY: (for -18 socket) natural color Poly-
etheretherketone (PEEK)
• HANDLE: Stainless Steel
• HANDLE KNOB: Brass 360, 1/2-hard (no knob on loop handle)
• CONTACT MATERIAL: (for -10, -10TL, -11) BeCu 172 per QQ-C-553; (for -16)
Spinodal; (for -18) BeNi 360, 1/2-hard
• ALL BECU CONTACTS: 50μ [1.27μ] min. Ni under plate per QQ-N-290, over plated with either: -10 200μ [5.08μ] min. matte
Sn per ASTM B545-97; or -10TL 200μ [5.08μ] min. 90/10 Sn/Pb per MIL-T-10727-11 10μ [0.25μ] min. Au per MIL-G-45204
• SPINODAL CONTACT PLATING: (for -16) 50μ [1.27μ] min. NiB
• HIGH-TEMPERATURE BeNi CONTACT PLATING:
(for -18) 50μ [1.27μ] NiB
• CONTACT CURRENT RATING: 1 amp
• INSULATION RESISTANCE: 1000 mΩ min.
• DIELECTRIC WITHSTANDING VOLTAGE: 1000
VAC
• LIFE CYCLE: 25,000 to 50,000 cycles
• OPERATING TEMPERATURE: min. -67°F
[-55°C]; max. 221°F [105°C] for
Sn plating, 302°F [150°C] for Au plating, 392°F
[200°C] for NiB plating,
482°F [250°C] for high-temperature socket
• RETENTION FORCE (closed): 55 grams/pin
based on a 0.020 [0.51] dia. test lead
• ACCEPTS LEADS: 0.015-0.035 [0.38-0.89]
wide, 0.110-0.280 [2.79-7.11] long
MOUNTING CONSIDERATIONS
• See socket footprint below
10019
1 of 2
Rev. AA
Series X57X Quick-Release Universal
Zero-Insertion-Force DIP Test Socket
Handle
Dim “H1”
Dim. “H2”
Dim “H3”
Long w/Knob
0.568 [14.43]
0.300 [7.62]
0.471 [11.96]
Short w/ Knob
0.317 [8.05]
0.400 [10.16]
0.252 [6.40]
Loop (no Knob) 0.270 [6.86]
0.193 [4.90]
0.405 [10.29]
CUSTOMIZATION: In addition to the standard products shown
on this page, Aries specializes in custom design and production.
Special materials, platings, sizes, and configurations can be
furnished, depending on the quantity.
NOTE: Aries reserves the
right to change product general specifications without notice.
Pins
24, 28, 32, 36,
40, 42, 44, 48
Row-to-Row Spacing (btm)
3 = 0.300 [7.62]
6 = 0.600 [15.24] (std)
ORDERING INFORMATION
XX-X57X-1 8
Plating
0 = Sn over Ni
OTL = Sn/Pb over Ni
1 = Ay over Ni
6 = NiB (Spinodal)
8 = Hi-temp Socket*
Solder Pin Tail
45° Handle Options
0 = Long Handle, right side
1 = Long Handle, left side
2 = Short Handle, right side
3 = Short Handle, left side
4 = Loop Handle, right side
5 = Loop Handle, left side
* NOTE: only Loop Handle available
w/hi-temp. socket


同様の部品番号 - 40-3574-11

メーカー部品番号データシート部品情報
logo
Aries Electronics, Inc.
40-3574-11 ARIES-40-3574-11 Datasheet
630Kb / 1P
   Zero-Insertion-Force DIP Test Socket
More results

同様の説明 - 40-3574-11

メーカー部品番号データシート部品情報
logo
Aries Electronics, Inc.
24-3551-10 ARIES-24-3551-10 Datasheet
535Kb / 1P
   Universal Zero-Insertion-Force DIP Test Socket
10019 ARIES-10019 Datasheet
630Kb / 1P
   Zero-Insertion-Force DIP Test Socket
10001 ARIES-10001 Datasheet
722Kb / 1P
   Series 55 Universal Zero-Insertion-Force DIP Test Socket
24-3551-18 ARIES-24-3551-18 Datasheet
642Kb / 1P
   High-Temperature Universal Zero-Insertion-Force DIP Test Socket
44-547-11 ARIES-44-547-11 Datasheet
733Kb / 1P
   Universal SOIC ZIF (Zero-Insertion-Force) Test Socket
10015 ARIES-10015 Datasheet
766Kb / 1P
   Zero-Insertion-Force Test Socket
24-516-11S ARIES-24-516-11S Datasheet
528Kb / 1P
   Zero-Insertion-Force Socket
10018 ARIES-10018 Datasheet
647Kb / 1P
   Zero-Insertion-Force Socket
10017 ARIES-10017 Datasheet
595Kb / 1P
   Zero-Insertion-Force Socket
logo
ITT Industries
DL4 ITT-DL4 Datasheet
99Kb / 1P
   Zero Insertion Force
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com