データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA3259HFP データシート(PDF) 4 Page - Rohm

部品番号 BA3259HFP
部品情報  Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA3259HFP データシート(HTML) 4 Page - Rohm

  BA3259HFP Datasheet HTML 1Page - Rohm BA3259HFP Datasheet HTML 2Page - Rohm BA3259HFP Datasheet HTML 3Page - Rohm BA3259HFP Datasheet HTML 4Page - Rohm BA3259HFP Datasheet HTML 5Page - Rohm BA3259HFP Datasheet HTML 6Page - Rohm BA3259HFP Datasheet HTML 7Page - Rohm BA3259HFP Datasheet HTML 8Page - Rohm BA3259HFP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BA3259HFP,BA30E00WHFP
Technical Note
4/9
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
BA30E00WHFP Electrical Characteristics Curves (Unless otherwise specified, Ta=25°C, Vcc1=Vcc2=5V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
2
4
6
8
10 12 14 16 18
SUPPLY VOLTAGE:Vcc[V]
0
5
10
15
20
25
30
35
40
0.0
0.1
0.2
0.3
0.4
0.5
0.6
OUTPUT CURRENT:Io[A]
0.0
0.1
0.2
0.3
0.4
0.0 0.2
0.4 0.6 0.8 1.0
1.2 1.4 1.6
ADJ PIN VOLTAGE:VADJ[V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
2468
10 12 14 16 18
SUPPLY VOLTAGE:Vcc[V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
2
4
6
8
10 12 14 16 18
SUPPLY VOLTAGE:Vcc[V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
OUTPUT CURRENT:Io1[A]
0.0
0.5
1.0
1.5
2.0
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
OUTPUT CURRENT:Io2[A]
0.0
0.1
0.2
0.3
0.4
0.5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
OUTPUT CURRENT:Io[A]
0
10
20
30
40
50
60
70
80
100
1000
10000
FREQUENCY:f[Hz]
1.70
1.75
1.80
1.85
1.90
-25 -10
5
20 3550658095
TEMPERATURE:Ta[℃]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-25 -10
5
2035 50658095
TEMPERATURE:Ta[℃]
3.25
3.28
3.30
3.33
3.35
-25 -10
5
20 355065 8095
TEMPERATURE:Ta[℃]
Fig. 14 Circuit Current vs Load Current Io
(Io=0
 600 mA)
Fig. 15 ADJ Pin Source Current
Fig.13 Circuit Current (with no load)
Fig. 16 Input Stability
(3.3 V output Io1=600 mA)
Fig. 17 Input Stability
(Variable output: 1.8 V)
Fig. 18 Load Stability
(3.3 V output)
Fig. 19 Load Stability
(Variable output: 1.8 V)
Fig. 20 I/O Voltage Difference
(Vcc=3.135 V, 3.3 V output)
Fig.21 R.R.
(ein=1 Vp-p, Io=100 mA)
Vo2(Variable output:1.8V)
Vo1(3.3V output)
Fig. 22 Output Voltage vs Temperature
(3.3 V output)
Fig. 23 Output Voltage vs Temperature
(Variable output: 1.8 V)
Fig. 24 Circuit Current vs Temperature
(Io=0 mA)


同様の部品番号 - BA3259HFP

メーカー部品番号データシート部品情報
logo
Rohm
BA3259HFP ROHM-BA3259HFP Datasheet
191Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA3259HFP ROHM-BA3259HFP Datasheet
341Kb / 11P
   Secondary Dual-Output (Fixed/Variable) LDO Regulators
BA3259HFP ROHM-BA3259HFP Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BA3259HFP-TR ROHM-BA3259HFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BA3259HFP ROHM-BA3259HFP_11 Datasheet
341Kb / 11P
   Secondary Dual-Output (Fixed/Variable) LDO Regulators
More results

同様の説明 - BA3259HFP

メーカー部品番号データシート部品情報
logo
Rohm
BA3258HFP ROHM-BA3258HFP_09 Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA3WEFJ ROHM-BD00HA3WEFJ Datasheet
513Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_11 Datasheet
341Kb / 11P
   Secondary Dual-Output (Fixed/Variable) LDO Regulators
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com