データシートサーチシステム |
|
BA10358F データシート(PDF) 11 Page - Rohm |
|
BA10358F データシート(HTML) 11 Page - Rohm |
11 / 25 page Technical Note BA10358F/FV,BA10324AF/FV,BA2904SF/FV/FVM,BA2904F/FV/FVM,BA2904HFVM-C, BA2902SF/FV/KN,BA2902F/FV/KN,BA3404F/FVM 11/24 www.rohm.com 2009.05 - Rev.A © 2009 ROHM Co., Ltd. All rights reserved. 0.0 0.2 0.4 0.6 0.8 1.0 0 1020 3040 SUPPLY VOLTAGE [V] 0.0 0.2 0.4 0.6 0.8 1.0 -50 -25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE [℃] 0 10 20 30 40 0 1020 3040 SUPPLY VOLTAGE [V] 0 1 2 3 4 5 -50 -25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE [℃] 0 10 20 30 40 50 012345 OUTPUT VOLTAGE [V] 0 10 20 30 40 50 -50 -25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE [℃] 0.001 0.01 0.1 1 10 100 0 0.4 0.8 1.2 1.6 2 OUTPUT VOLTAGE [V] 0 10 20 30 -50 -25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE [℃] ○ BA2904S/BA2904 family,BA2904HFVM-C (*)The data above is ability value of sample, it is not guaranteed. Supply Current - Ambient Temperature Output Source Current - Output Voltage(VCC=5[V]) Output Sink Current - Ambient Temperature (VOUT=VCC) 0 10 20 30 40 50 60 70 80 0 5 10 15 20 25 30 35 SUPPLY VOLTAGE [V] 0 10 20 30 40 50 60 70 80 -50 -25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE [℃] -8 -6 -4 -2 0 2 4 6 8 0 5 10 15 20 25 30 35 SUPPLY VOLTAGE [V] 25℃ 25℃ 125℃ - 40℃ 3V 32V 5V -40℃ -40℃ 25℃ 105℃ 15V 3V 5V -40℃ 25℃ 105℃ 3V 5V 15V -40 125 25 32V 5V 3V -40 25 125 0 200 400 600 800 1000 0 25 50 75 100 125 150 AMBIENT TEMPERATURE [℃] BA2904F BA2904S/BA2904 family,BA2904H BA2904FV BA2904FVM BA2904HFVM-C BA2904SFV BA2904SFVM 105 100℃ 105℃ 105 125℃ 105℃ 125℃ 105 BA2904S/BA2904 family,BA2904H BA2904S/BA2904 family,BA2904H BA2904S/BA2904 family,BA2904H BA2904S/BA2904 family,BA2904H BA2904S/BA2904 family,BA2904H BA2904S/BA2904 family,BA2904H BA2904S/BA2904 family,BA2904H BA2904S/BA2904 family,BA2904H BA2904S/BA2904 family,BA2904H BA2904S/BA2904 family,BA2904H BA2904S/BA2904 family,BA2904H BA2904SF Derating Curve Supply Current - Supply Voltage Output Source Current - Ambient Temperature (VOUT=0[V]) Output Sink Current - Output Voltage (VCC=5[V]) Low Level Sink Current – Supply Voltage(VOUT=0.2[V]) Low Level Sink Current – Ambient Temperature(VOUT=0.2[V]) Input Offset Voltage - Supply Voltage (Vicm=0[V], VOUT=1.4[V]) Maximum Output Voltage – Supply Voltage(RL=10[kΩ]) Maximum Output Voltage – Ambient Temperature(VCC=5[V],RL=2[kΩ]) Fig. 49 Fig. 50 Fig. 51 Fig. 52 Fig. 53 Fig. 54 Fig. 55 Fig. 56 Fig. 57 Fig. 58 Fig. 59 Fig. 60 |
同様の部品番号 - BA10358F |
|
同様の説明 - BA10358F |