データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAXXDD0 データシート(PDF) 1 Page - Rohm

部品番号 BAXXDD0
部品情報  BAXXDD0_10
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BAXXDD0 データシート(HTML) 1 Page - Rohm

  BAXXDD0 Datasheet HTML 1Page - Rohm BAXXDD0 Datasheet HTML 2Page - Rohm BAXXDD0 Datasheet HTML 3Page - Rohm BAXXDD0 Datasheet HTML 4Page - Rohm BAXXDD0 Datasheet HTML 5Page - Rohm BAXXDD0 Datasheet HTML 6Page - Rohm BAXXDD0 Datasheet HTML 7Page - Rohm BAXXDD0 Datasheet HTML 8Page - Rohm BAXXDD0 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/9
www.rohm.com
2010.02 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Standard Fixed Output LDO Regulator Series
Standard Fixed Output LDO Regulators
BA□□DD0 Series, BA□□CC0 Series
Standard Fixed Output LDO Regulators
with Shutdown Switch
BA□□DD0W and,BA□□CC0W Series
General Description
Standard Fixed Output LDO Regulators are low-saturation regulators, available for output s up to 2A/1A. ROHM has a wide output
voltage range and package lineup with and without shutdown switches. This IC has a built-in over-current protection circuit that
prevents the destruction of the IC due to output short circuits, a thermal shut-down circuit that protects the IC from damage due to
overloading and an over-voltage protection circuit that protects the IC from surges generated in the power supply line of the IC.
Features
1) Maximum output current : 2A (BA□□DD0),1A(BA□□CC0)
2) ±1% highly accurate output voltage (BA□□DD0)
3) Low saturation with PNP output
4) Built-in over-current protection circuit that prevents the destruction of the IC due to output short circuits
5) Built-in thermal shutdown circuit for protecting the IC from damage due to overloading
6) Built-in over- voltage protection circuit that prevents the destruction of the IC due to power supply surges
7) TO220FP and HRP5 packaging (BA□□DD0) ,TO220FP and TO252 packaging(BA□□CC0)
Applications
Used in DSP power supplies for DVD and CD players, FPDs, televisions, personal computers or any other consumer device
Line up
1A BA□□CC0 Series
Part Number
3.0
3.3
5.0
6.0
7.0
8.0
9.0
10
12
15
Package
BA□□CC0WT
TO220FP-5
BA□□CC0WT-V5
TO220FP-5(V5)
BA□□CC0WFP
TO252-5
BA□□CC0T
TO220FP-3
BA□□CC0FP
TO252-3
2A BA□□DD0 Series
Part Number
1.5
1.8
2.5
3.0
3.3
5.0
9.0
12
16
Package
BA□□DD0WT
TO220FP-5
BA□□DD0WHFP
HRP5
BA□□DD0T
TO220FP-3
Part Number
BA□□CC0□□
Part Number
BA□□DD0□□
a
b c
a
b c
Symbol
Details
Symbol
Details
a
Output Voltage Designation
a
Output Voltage Designation
□□
Output Voltage(V)
□□
Output Voltage(V)
□□
Output Voltage(V)
□□
Output Voltage(V)
03
3.0V(Typ.)
08
8.0V(Typ.)
15
1.5V(Typ.)
50
5.0V(Typ.)
033
3.3V(Typ.)
09
9.0V(Typ.)
18
1.8V(Typ.)
90
9.0V(Typ.)
05
5.0V(Typ.)
J0
10.0V(Typ.)
25
2.5V(Typ.)
J2
12.0V(Typ.)
06
6.0V(Typ.)
J2
12.0V(Typ.)
30
3.0V(Typ.)
J6
16.0V(Typ.)
07
7.0V(Typ.)
J5
15.0V(Typ.)
33
3.3V(Typ.)
b
Switch:”With W”
:Shutdown switch included
”Without W” :Shutdown switch not included
b
Switch:”With W”
:Shutdown switch included
”Without W” :Shutdown switch not included
c
Package T
: TO220FP-5(V5),TO220FP-3
FP : TO252-5,TO252-3
c
Package T
: TO220FP-5,TO220FP-3
HFP: HRP5
No.10021EBT01


同様の部品番号 - BAXXDD0

メーカー部品番号データシート部品情報
logo
Rohm
BAXXDD0-E ROHM-BAXXDD0-E Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
BAXXDD0T ROHM-BAXXDD0T Datasheet
388Kb / 6P
   2A Low Dropout Voltage Regulator
BAXXDD0WHFP ROHM-BAXXDD0WHFP Datasheet
269Kb / 6P
   2A Low Dropout Voltage Regulator with Shut Down Switch
BAXXDD0WT ROHM-BAXXDD0WT Datasheet
402Kb / 6P
   2A Low Dropout Voltage Regulator with Shut Down Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com