データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU208D データシート(PDF) 1 Page - Wing Shing Computer Components

部品番号 BU208D
部品情報  SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINGS [Wing Shing Computer Components]
ホームページ  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

BU208D データシート(HTML) 1 Page - Wing Shing Computer Components

  BU208D Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GENERAL DESCRIPTION
Highvoltage,high-speed switching npn transistors in a
metal envelope with integrated efficiency diode,prim-
arily for use in horizontal deflection circuites of colour
television receivers
QUICK REFERENCE DATA
LIMITING VALUES
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0V
1500
V
V
CEO
Collector-emitter voltage (open base)
600
V
I
C
Collector current (DC)
5
A
I
CM
Collector current peak value
7.5
A
P
tot
Total power dissipation
T
mb
25
125
W
V
CEsat
Collector-emitter saturation voltage
I
C = 4.5A; IB = 2.0A
1.0
V
I
csat
Collector saturation current
f = 16KHz
A
V
F
Diode forward voltage
I
F = 4.5A
1.5
V
t
f
Fall time
I
C=4.5A,IB1=-1/2IB2=1.8A,VCC=100V
1.0
s
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0V
1500
V
V
CEO
Collector-emitter voltage (open base)
600
V
V
EBO
Emitter-base voltage(open collector)
5
V
I
C
Collector current (DC)
5
A
I
B
Base current (DC)
2
A
I
BM
Base current peak value
4
A
P
tot
Total power dissipation
Tmb
25
125
W
T
stg
Storage temperature
-55
150
T
j
Junction temperature
150
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
I
CE
Collector-emitter cut-off current
V
BE = 0V; VCE = VCESMmax
1.0
mA
I
CES
V
BE = 0V; VCE = VCESMmax
2.0
mA
T
j = 125
V
CEOsust
Collector-emitter sustaining voltage
I
B = 0A; IC = 100mA
V
L = 25mH
V
CEsat
Collector-emitter saturation voltages
I
C = 4.5A; IB = 2.0A
1.0
V
V
BEsat
Base-emitter satuation voltage
I
C = 4.5A; IB = 2A
1.5
V
h
FE
DC current gain
I
C = 1.0A; VCE = 5V
8
30
V
F
Diode forward voltage
I
F = 4.5A
1.5
V
f
T
Transition frequency at f = 1MHz
I
C = 0.1A; VCE = 10V
3
MHz
C
c
Collector capacitance at f = 1MHz
V
CB = 10V
pF
t
s
Switching times(16KHz line deflecton circuit)
I
C=4.5A,IB1=-1/2IB2=1.8A,VCC=100V
8.0
s
t
f
Turn-off storage time Turn-off fall time
C=4.5A,IB1=-1/2IB2=1.8A,VCC=100V
1.0
s
ELECTRICAL CHARACTERISTICS
TO-3
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com
BU208D
SILICON DIFFUSED POWER TRANSISTOR


同様の部品番号 - BU208D

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BU208D STMICROELECTRONICS-BU208D Datasheet
75Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
BU208D STMICROELECTRONICS-BU208D Datasheet
80Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
logo
Inchange Semiconductor ...
BU208D ISC-BU208D Datasheet
74Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BU208D SAVANTIC-BU208D Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
logo
Continental Device Indi...
BU208D CDIL-BU208D Datasheet
248Kb / 4P
   NPN POWER TRANSISTORS
More results

同様の説明 - BU208D

メーカー部品番号データシート部品情報
logo
Wing Shing Computer Com...
2SD820 WINGS-2SD820 Datasheet
192Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
BU508AF WINGS-BU508AF Datasheet
142Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
2SD1910 WINGS-2SD1910 Datasheet
100Kb / 1P
   Silicon Diffused Power Transistor(GENERAL DESCRIPTION)
2SD2498 WINGS-2SD2498 Datasheet
97Kb / 1P
   Silicon Diffused Power Transistor(GENERAL DESCRIPTION)
BU508D WINGS-BU508D Datasheet
84Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
2SD870 WINGS-2SD870 Datasheet
192Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
BU508DF WINGS-BU508DF Datasheet
141Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
BUT12 WINGS-BUT12 Datasheet
65Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
2SD1650 WINGS-2SD1650 Datasheet
86Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
2SD1878 WINGS-2SD1878 Datasheet
86Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
2SD1911 WINGS-2SD1911 Datasheet
100Kb / 1P
   Silicon Diffused Power Transistor(GENERAL DESCRIPTION)
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com