データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA0266A データシート(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

部品番号 TA0266A
部品情報  SAW Filter 465MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
ホームページ  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0266A データシート(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0266A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0266A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0266A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0266A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0266A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 465 MHz
MODEL NO.: TA0266A
REV. NO.:2.0
A. MAXIMUM RATING:
1.Input Power Level: 0 dBm
2.DC voltage: 10 V
3.Operating Temperature: -10
°C to +50°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typical
Max.
Center frequency
Fc
(dB)
-
465.1375
-
Insertion loss
(FC±2.5875 MHz)
IL
(dB)
-
-
4.0
Amplitude ripple (FC±2.5875 MHz)
(dB)
-
-
2.0
Attenuation (Reference level from 0 dB)
365.1375 ~ 424.3375
MHz
(dB)
50
-
-
451.5
~ 457.0
MHz
(dB)
15
-
-
495.1375 ~ 565.1375
MHz
(dB)
50
-
-
Source impedance
Zs
(
Ω)
-
81.5-j87
-
Load impedance
ZL
(
Ω)
-
81.5-j87
-
Note1. The standard definitions is in JIS C 6703
Note2.
Z
IN = 8 1 .5-j87o hm
Z
OUT=81.5-j8 7 oh m
Source im pedance
50
Load impedance
50
RoHS Compliant
Lead free
Lead-free soldering


同様の部品番号 - TA0266A

メーカー部品番号データシート部品情報
logo
Golledge Electronics Lt...
TA0266A GOLLEDGE-TA0266A Datasheet
120Kb / 4P
   SAW Filter 465.1375MHz
More results

同様の説明 - TA0266A

メーカー部品番号データシート部品情報
logo
Golledge Electronics Lt...
MA05225 GOLLEDGE-MA05225 Datasheet
119Kb / 4P
   RF SAW Filter 465MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA465FD TAI-SAW-TA465FD Datasheet
213Kb / 5P
   SAW Filter 465MHz SMD 5.0횞5.0mm
logo
SIPAT Co,Ltd
LBT46504 SIPAT-LBT46504 Datasheet
169Kb / 3P
   465MHz SAW Filter 5MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0313A TAI-SAW-TA0313A Datasheet
426Kb / 5P
   SAW Filter 465MHz SMD 5.0횞5.0mm
logo
SIPAT Co,Ltd
LBT46504 SIPAT-LBT46504 Datasheet
169Kb / 3P
   465MHz SAW Filter 5MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0206B TAI-SAW-TB0206B Datasheet
220Kb / 7P
   SAW Filter 465MHz 20MHz BW (SMD 5.0횞5.0 mm)
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
New Japan Radio
NSNJ2006 NJRC-NSNJ2006 Datasheet
233Kb / 4P
   Low Power Transceiver f0=465MHz BW=6MHz
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com