データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU1574GUW データシート(PDF) 9 Page - Rohm

部品番号 BU1574GUW
部品情報  Real Time Video Processor IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU1574GUW データシート(HTML) 9 Page - Rohm

Back Button BU1574GUW Datasheet HTML 5Page - Rohm BU1574GUW Datasheet HTML 6Page - Rohm BU1574GUW Datasheet HTML 7Page - Rohm BU1574GUW Datasheet HTML 8Page - Rohm BU1574GUW Datasheet HTML 9Page - Rohm BU1574GUW Datasheet HTML 10Page - Rohm BU1574GUW Datasheet HTML 11Page - Rohm BU1574GUW Datasheet HTML 12Page - Rohm BU1574GUW Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Technical Note
9/12
BU1574GUW
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
9. I
2C Interface format
The slave address is 42h when I2CDEV0 = 0 and 43h when I2CDEV0 = 1.
When both of the write and read accesses are respectively executed successively 2 times or more, the sub-address is
automatically incremented.
SDA
SDC
Data transfer
1-7
8
S
1-789
STOP
condition
91-7
8
9
P
ACK
ACK
ACK
Sub address
Data
Slave
address
R/W
START
condition
Write
sequence
Read
sequence
S = START condition
A(S) = acknowledge by slave
A(S) = not acknowledge by slave
P = STOP condition
A(M) = acknowledge by master
A(M) = not acknowledge by master
S
Slave address
(42h or 43h)
W
(0)
A(S) Sub address A(S)
Data
A(S)
Data
A(S)
Data
A(S)/
A(S)
A(M)/
A(M)
P
P
S
Slave address
(42h or 43h)
A(S) Sub address A(S) S
Slave address
(42h or 43h)
W
(0)
R
(1)
A(M)
Data
A(S)
Data
Fig.9 I
2C Interface format
Timing chart
1. Data input interface timing
CAMVSI
CAMHSI
CAMDI0
-CAMDI7
CAMCKI
(CKPOL-“0”)
CAMCKI
(CKPOL-“1”)
tDS
tDH
Fig.10 Data input interface timing
Symbol
Descriptions
MIN
TYP
MAX
Unit
tDS
Setup time to CAMCKI rising / falling edge
8
-
-
ns
tDH
Hold time to CAMCKI rising / falling edge
8
-
-
ns


同様の部品番号 - BU1574GUW

メーカー部品番号データシート部品情報
logo
Rohm
BU1574KU ROHM-BU1574KU Datasheet
431Kb / 13P
   Real Time Video Processor ICs
More results

同様の説明 - BU1574GUW

メーカー部品番号データシート部品情報
logo
Rohm
BU1572GUW ROHM-BU1572GUW Datasheet
431Kb / 13P
   Real Time Video Processor ICs
logo
Nippon Precision Circui...
SM8578BV NPC-SM8578BV Datasheet
77Kb / 13P
   Real-time Clock IC
SM8577B NPC-SM8577B Datasheet
78Kb / 10P
   Real-time Clock IC
SM8578BV NPC-SM8578BV Datasheet
117Kb / 16P
   Real-time Clock IC
logo
National Semiconductor ...
LM9704 NSC-LM9704 Datasheet
74Kb / 4P
   Real Time Digital Image Processor
LM9702 NSC-LM9702 Datasheet
74Kb / 4P
   LM9702 Real Time Digital Image Processor
logo
RICOH electronics devic...
RS5C313 RICOH-RS5C313 Datasheet
267Kb / 32P
   ULTRA-COMPACT REAL-TIME CLOCK IC
RS5C314 RICOH-RS5C314 Datasheet
59Kb / 4P
   ULTRA-COMPACT REAL-TIME CLOCK IC?
logo
MICORO CRYSTAL SWITZERL...
RV-3029-C2 MICROCRYSTAL-RV-3029-C2 Datasheet
551Kb / 2P
   Real Time Clock Module with IC-Bus
logo
List of Unclassifed Man...
RTC-8563JE ETC-RTC-8563JE Datasheet
416Kb / 2P
   IC-Bus interface real time clock module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com