データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1029A データシート(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

部品番号 TA1029A
部品情報  SAW Filter 1210 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
ホームページ  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1029A データシート(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1029A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1029A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1029A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1029A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1029A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1029A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1029A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1029A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1029A Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 1210 MHz
MODEL NO.:TA1029A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -50°C to +95°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance (differential) :
Zs = 150 Ω // 82 nH
Terminating load impedance (differential) :
ZL = 150 Ω // 82 nH
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency
Fc
MHz
-
1210
-
-
Bandwidth at –2 dB
MHz
56
74
-
-
Insertion Loss in 1180~1240 MHz
dB
-
3.7
5
-
Amplitude ripple (1180 MHz ~ 1240 MHz)
dB
-
1
2
-
Phase error (1180 MHz ~ 1240 MHz) (3)
deg
-
3.5
5
-
I/O VSWR (1180 MHz ~ 1240 MHz)
-
1.8
2.5
-
CMDR (1180 MHz ~ 1240 MHz)
dB
22
35
-
-
Attenuation (1)
50 ~ 960
MHz
dB
32
35
-
-
960 ~ 1120
MHz
dB
40
43
-
-
1315 ~ 2500
MHz
dB
40
43
-
-
2500 ~ 3200
MHz
dB
35
39
-
-
3200 ~ 6000
MHz
dB
30
33
-
-
Notes :
(1) The amplitude reference is insertion loss at Fc.
(2) The amplitude ripple is defined as the max. level – min. level over any 36 MHz
block of the given bandwidth.
(3) The phase error is measured over any 36 MHz block of the given bandwidth.
RoHS Compliant
Lead free
Lead-free soldering


同様の部品番号 - TA1029A

メーカー部品番号データシート部品情報
logo
Golledge Electronics Lt...
TA1029A GOLLEDGE-TA1029A Datasheet
111Kb / 7P
   SAW Filter 1210MHz
More results

同様の説明 - TA1029A

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TA1029B TAI-SAW-TA1029B Datasheet
231Kb / 8P
   SAW Filter 1210 MHz
TA1076A TAI-SAW-TA1076A Datasheet
373Kb / 8P
   SAW Filter 1210 MHz
TA0888A TAI-SAW-TA0888A Datasheet
364Kb / 9P
   SAW Filter 1210 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com