データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU15TA2WNVX-TR データシート(PDF) 4 Page - Rohm

部品番号 BU15TA2WNVX-TR
部品情報  High-speed Load Response FULL CMOS LDO Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU15TA2WNVX-TR データシート(HTML) 4 Page - Rohm

  BU15TA2WNVX-TR Datasheet HTML 1Page - Rohm BU15TA2WNVX-TR Datasheet HTML 2Page - Rohm BU15TA2WNVX-TR Datasheet HTML 3Page - Rohm BU15TA2WNVX-TR Datasheet HTML 4Page - Rohm BU15TA2WNVX-TR Datasheet HTML 5Page - Rohm BU15TA2WNVX-TR Datasheet HTML 6Page - Rohm BU15TA2WNVX-TR Datasheet HTML 7Page - Rohm BU15TA2WNVX-TR Datasheet HTML 8Page - Rohm BU15TA2WNVX-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Technical Note
4/27
BU
TA2WNVX Series, BUTA2WHFV Series
www.rohm.com
2009.05 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Fig.4 Stability area characteristics (Example)
 Lineup
■ 200 mA BU□□TA2WNVX / HFV series
Product Name
1.5
1.8
2.5
2.6
2.7
2.8
2.85
Package
BU
□□TA2WNVX
BU
□□TA2WHFV
SSON004X1216
HVSOF5
2.9
3.0
3.1
3.2
3.3
3.4
-
-
Model name: BU□□TA2WNVX / HFV
a
Symbol
Contents
Specification of output voltage
a
□□
Output
voltage (V)
□□
Output
voltage (V)
□□
Output
voltage (V)
15
1.5 V(Typ.)
28
2.8 V(Typ.)
32
3.2 V(Typ.)
18
1.8 V(Typ.)
2J
2.85 V(Typ.)
33
3.3 V(Typ.)
25
2.5 V(Typ.)
29
2.9 V(Typ.)
34
3.4 V(Typ.)
26
2.5 V(Typ.)
30
3.0 V(Typ.)
-
-
27
2.7 V(Typ.)
31
3.1 V(Typ.)
-
-
 Input/Output terminal equivalent circuit schematic
1pin (VOUT)
2pin (GND)
3pin (STBY)
4pin (VIN)
VIN
STBY
Fig.2
Input/Output equivalent circuit
 About input/output capacitor
It is recommended to place a capacitor as close as possible to the pins
between the input terminal and GND or between the output terminal and
GND.
The capacitor between the input terminal and GND becomes valid when
source impedance increases or when wiring is long. The larger the
capacity of the output capacitor between the output terminal and GND is,
the better the stability and characteristics in output load fluctuation become.
However, please check the status of actual implementation. Ceramic
capacitors generally have variation, temperature characteristics, and direct
current bias characteristics and the capacity value also decreases with
time depending on the usage conditions. It is recommended to select a
ceramic capacitor upon inquiring about detailed data of the related
manufacturer.
 About the equivalent series resistance (ESR) of a ceramic capacitor
Capacitors generally have ESR (equivalent series resistance) and it
operates stably in the ESR-IOUT area shown on the right. Since ceramic
capacitors, tantalum capacitors, electrolytic capacitors, etc. generally have
different ESR, please check the ESR of the capacitor to be used and use it
within the stability area range shown in the right graph for evaluation of the
actual application.
VOUT
VIN
Fig.3 Capacity – bias characteristics
Capacity value of ceramic capacitor - DC bias characteristics
(Example)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
00.5
1
1.5
22.53
3.54
DC Bias Voltage [V]
10-V withstand voltage
B1characteristics
GRM188B11A105KA61D
10-V withstand voltage
B characteristics
6.3-V withstand voltage
B characteristics
4-V withstand voltage
X6S characteristics
10-V withstand voltage
F characteristics
10-V withstand voltage
F characteristics
0.01
0.1
1
10
100
0
50
100
150
200
IOUT [mA]
Stability area
Unstable area


同様の部品番号 - BU15TA2WNVX-TR

メーカー部品番号データシート部品情報
logo
Rohm
BU15TA2WNVX ROHM-BU15TA2WNVX Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
More results

同様の説明 - BU15TA2WNVX-TR

メーカー部品番号データシート部品情報
logo
Rohm
BU665XNUX ROHM-BU665XNUX Datasheet
968Kb / 18P
   High-speed Load Response Full CMOS LDP Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
   High Speed LDO Regulators
logo
Rohm
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
logo
Torex Semiconductor
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com