データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4002G データシート(PDF) 2 Page - Won-Top Electronics

部品番号 1N4002G
部品情報  1.0A GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WTE [Won-Top Electronics]
ホームページ  http://www.wontop.com
Logo WTE - Won-Top Electronics

1N4002G データシート(HTML) 2 Page - Won-Top Electronics

  1N4002G Datasheet HTML 1Page - Won-Top Electronics 1N4002G Datasheet HTML 2Page - Won-Top Electronics 1N4002G Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
40
60
80
100
120
140
160
180
0
0.2
0.4
0.6
0.8
1.0
T , AMBIENT TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
A
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
1.0
10
100
1.0
10
100
T = 25ºC
j
f = 1MHz
1.0
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
8.3ms Single half sine-wave
JEDEC Method
40
30
20
0
10
50
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25ºC
PULSE WIDTH = 300µs
2% DUTY CYCLE
j
10
1N4001G – 1N4007G
2 of 3
© 2002 Won-Top Electronics


同様の部品番号 - 1N4002G

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
1N4002G PHILIPS-1N4002G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4002G CHENDA-1N4002G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Gulf Semiconductor
1N4002G GULFSEMI-1N4002G Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERVOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
List of Unclassifed Man...
1N4002G ETC-1N4002G Datasheet
143Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Leshan Radio Company
1N4002G LRC-1N4002G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
More results

同様の説明 - 1N4002G

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
D1G DIODES-D1G Datasheet
59Kb / 2P
   1.0A GLASS PASSIVATED RECTIFIER
DS29001 Rev. A-2
1N4001G DIODES-1N4001G Datasheet
60Kb / 2P
   1.0A GLASS PASSIVATED RECTIFIER
DS29002 Rev. D-2
D1G DIODES-D1G_1 Datasheet
350Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
DS29001 Rev. 3 - 2
1N4001G DIODES-1N4001G_2 Datasheet
62Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
DS29002 Rev. 7 - 2
logo
TAITRON Components Inco...
RL101G TAITRON-RL101G Datasheet
188Kb / 5P
   1.0A Glass Passivated Rectifier
logo
Diodes Incorporated
1N4001G DIODES-1N4001G_12 Datasheet
95Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
1A1G ZSELEC-1A1G Datasheet
91Kb / 2P
   1.0A GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
1N4001G DIODES-1N4001G_1 Datasheet
84Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
DS29002 Rev. 6 - 2
logo
Zibo Seno Electronic En...
1N4001G ZSELEC-1N4001G Datasheet
115Kb / 2P
   1.0A GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
1N4001G DIODES-1N4001G_15 Datasheet
95Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com