データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4006 データシート(PDF) 1 Page - Won-Top Electronics

部品番号 1N4006
部品情報  1.0A SILICON RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WTE [Won-Top Electronics]
ホームページ  http://www.wontop.com
Logo WTE - Won-Top Electronics

1N4006 データシート(HTML) 1 Page - Won-Top Electronics

  1N4006 Datasheet HTML 1Page - Won-Top Electronics 1N4006 Datasheet HTML 2Page - Won-Top Electronics 1N4006 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4001 – 1N4007
1 of 3
© 2002 Won-Top Electronics
1N4001 – 1N4007
1.0A SILICON RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.35 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
1N
4001
1N
4002
1N
4003
1N
4004
1N
4005
1N
4006
1N
4007
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 75°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
50
µA
Typical Junction Capacitance (Note 2)
Cj
15
pF
Typical Thermal Resistance Junction to Ambient
(Note 1)
RJA
50
K/W
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V D.C.
WT E
PO W E R SEM IC O ND UC TO R S
DO-41
Dim
Min
Max
A
25.4
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm


同様の部品番号 - 1N4006

メーカー部品番号データシート部品情報
logo
Bytesonic Electronics C...
1N4006 BYTESONIC-1N4006 Datasheet
264Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Pan Jit International I...
1N4006 PANJIT-1N4006 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
1N4006 PANJIT-1N4006 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Semikron International
1N4006 SEMIKRON-1N4006 Datasheet
128Kb / 2P
   Standard silicon rectifier diodes
logo
Shunye Enterprise
1N4006 SHUNYE-1N4006 Datasheet
312Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results

同様の説明 - 1N4006

メーカー部品番号データシート部品情報
logo
Zibo Seno Electronic En...
1N4001 ZSELEC-1N4001 Datasheet
116Kb / 2P
   1.0A SILICON RECTIFIER
logo
Won-Top Electronics
BY133 WTE-BY133 Datasheet
47Kb / 3P
   1.0A SILICON RECTIFIER
1A1 WTE-1A1 Datasheet
54Kb / 3P
   1.0A MINIATURE SILICON RECTIFIER
logo
SMC Diode Solutions Co....
BY133 SMCDIODE-BY133 Datasheet
326Kb / 4P
   BY133 1.0A SILICON RECTIFIER
Rev. C
logo
Gaomi Xinghe Electronic...
1A7 GXELECTRONICS-1A7 Datasheet
314Kb / 2P
   1.0A MINIATURE SILICON RECTIFIER
logo
TAITRON Components Inco...
1N4001G TAITRON-1N4001G Datasheet
170Kb / 4P
   1.0A GENERAL PURPOSE SILICON RECTIFIER
logo
Diodes Incorporated
1N4001 DIODES-1N4001 Datasheet
59Kb / 2P
   1.0A RECTIFIER
DS28002 Rev. E-2
1N4001 DIODES-1N4001_1 Datasheet
74Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 7 - 2
1N4001 DIODES-1N4001_15 Datasheet
55Kb / 3P
   1.0A RECTIFIER
1N4001 DIODES-1N4001_2 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com