データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD9778HFP データシート(PDF) 8 Page - Rohm

部品番号 BD9778HFP
部品情報  Flexible Step-down Switching Regulators with Built-in Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD9778HFP データシート(HTML) 8 Page - Rohm

Back Button BD9778HFP Datasheet HTML 4Page - Rohm BD9778HFP Datasheet HTML 5Page - Rohm BD9778HFP Datasheet HTML 6Page - Rohm BD9778HFP Datasheet HTML 7Page - Rohm BD9778HFP Datasheet HTML 8Page - Rohm BD9778HFP Datasheet HTML 9Page - Rohm BD9778HFP Datasheet HTML 10Page - Rohm BD9778HFP Datasheet HTML 11Page - Rohm BD9778HFP Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8/16
Technical Note
Timing chart
(BD9781HFP)
-
While in basic operation mode
-
While in overcurrent protection mode
FB
VIN
SW
EN/SYNC
Internal
OSC
Fig.27
Fig.28
External synchronizing function (BD9781HFP)
In order to activate the external synchronizing function, connect the frequency setting resistor to the RT pin and then input
a synchronizing signal to the EN/SYNC pin. As the synchronizing signal, input a pulse wave higher than a frequency determined
with the setting resistor (RT). On the BD9781HFP, design the frequency difference to be within 50%. Furthermore,
set the pulse wave duty between 10% and 90%.
Fig.29
FSYNC
Internal
OSC
: For RT only
: For external
synchronization
Output short circuit
FB
SW
IO
Internal
OSC
Auto reset
Auto reset
Auto reset
Auto reset
2010.02 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.
BD9778F, BD9778HFP, BD9001F, BD9781HFP


同様の部品番号 - BD9778HFP

メーカー部品番号データシート部品情報
logo
Rohm
BD9778HFP ROHM-BD9778HFP Datasheet
281Kb / 6P
   Flexible Step-Down Switching Regulator
BD9778HFP ROHM-BD9778HFP Datasheet
807Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
More results

同様の説明 - BD9778HFP

メーカー部品番号データシート部品情報
logo
Rohm
BD9007HFP-TR ROHM-BD9007HFP-TR Datasheet
855Kb / 21P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9673AEFJ ROHM-BD9673AEFJ Datasheet
2Mb / 23P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9006F ROHM-BD9006F Datasheet
491Kb / 18P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9778F-E2 ROHM-BD9778F-E2 Datasheet
676Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9876AEFJ ROHM-BD9876AEFJ Datasheet
2Mb / 24P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9001F-E2 ROHM-BD9001F-E2 Datasheet
807Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com