データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU2280FV データシート(PDF) 11 Page - Rohm

部品番号 BU2280FV
部品情報  DVD-video Reference Clock Generators for Audio/Video Equipments
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU2280FV データシート(HTML) 11 Page - Rohm

Back Button BU2280FV_08 Datasheet HTML 7Page - Rohm BU2280FV_08 Datasheet HTML 8Page - Rohm BU2280FV_08 Datasheet HTML 9Page - Rohm BU2280FV_08 Datasheet HTML 10Page - Rohm BU2280FV_08 Datasheet HTML 11Page - Rohm BU2280FV_08 Datasheet HTML 12Page - Rohm BU2280FV_08 Datasheet HTML 13Page - Rohm BU2280FV_08 Datasheet HTML 14Page - Rohm BU2280FV_08 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11/24
Reference data (BU2360FV Temperature and Supply voltage variations data)
Fig.74 24.6MHz
Temperature-Period-Jitter MIN-MAX
0
100
200
300
400
500
600
-25
0
25
50
75
100
Temperature:T[℃]
VDD=3.7V
VDD=3.3V
VDD=2.4V
Fig.73 24.6MHz
Temperature-Period-Jitter 1σ
0
10
20
30
40
50
60
70
80
90
100
-25
0
25
50
75
100
Temperature:T[℃]
VDD=3.7V
VDD=3.3V
VDD=2.4V
Fig.72 24.6MHz
Temperature-Duty
45
46
47
48
49
50
51
52
53
54
55
-25
0
25
50
75
100
Temperature:T[℃]
VDD=3.7V
VDD=3.3V
VDD=2.4V
Fig.78 Action circuit current
(with maximum output load)
Temperature-Consumption current
0
10
20
30
40
50
-25
0
25
50
75
100
Temperature:T[℃]
VDD=3.7V
VDD=3.3V
VDD=2.4V
Fig.69 33.9MHz
Temperature-Duty
45
46
47
48
49
50
51
52
53
54
55
-25
0
25
50
75
100
Temperature:T[℃]
VDD=3.7V
VDD=3.3V
VDD=2.4V
Fig.70 33.9MHz
Temperature-Period-Jitter 1σ
0
10
20
30
40
50
60
70
80
90
100
-25
0
25
50
75
100
Temperature:T[℃]
VDD=3.7V
VDD=3.3V
VDD=2.4V
Fig.71 33.9MHz
Temperature-Period-Jitter MIN-MAX
0
100
200
300
400
500
600
-25
0
25
50
75
100
Temperature:T[℃]
VDD=3.7V
VDD=3.3V
VDD=2.4V
Fig.75 22.6MHz
Temperature-Duty
45
46
47
48
49
50
51
52
53
54
55
-25
0
25
50
75
100
Temperature:T[℃]
VDD=3.7V
VDD=3.3V
VDD=2.4V
Fig.76 22.6MHz
Temperature-Period-Jitter 1σ
0
10
20
30
40
50
60
70
80
90
100
-25
0
25
50
75
100
Temperature:T[℃]
VDD=3.7V
VDD=3.3V
VDD=2.4V
Fig.77 22.6MHz
Temperature-Period-Jitter MIN-MAX
0
100
200
300
400
500
600
-25
0
25
50
75
100
Temperature:T[℃]
VDD=3.7V
VDD=3.3V
VDD=2.4V


同様の部品番号 - BU2280FV_08

メーカー部品番号データシート部品情報
logo
Rohm
BU2280FV-E2 ROHM-BU2280FV-E2 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
More results

同様の説明 - BU2280FV_08

メーカー部品番号データシート部品情報
logo
Rohm
BU2285FV ROHM-BU2285FV_08 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
BU2365FV ROHM-BU2365FV_08 Datasheet
736Kb / 17P
   Clock Generator with Built-in VCXO for Audio/Video Equipments
logo
STMicroelectronics
STE5588 STMICROELECTRONICS-STE5588 Datasheet
197Kb / 3P
   DVD and DVB decoder for video and audio with DVD audio support
logo
Rohm
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
BU2363FV ROHM-BU2363FV_15 Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
logo
STMicroelectronics
STV6432 STMICROELECTRONICS-STV6432 Datasheet
184Kb / 15P
   Audio/Video Output Buffers for STB and DVD Devices
logo
Sanyo Semicon Device
LV71081E SANYO-LV71081E_11 Datasheet
423Kb / 31P
   For Video/Audio Signal Input/ Output Interface of DVD Recorder
logo
List of Unclassifed Man...
ICS66203 ETC-ICS66203 Datasheet
105Kb / 6P
   HDTV Audio/Video Clock Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com