データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU2280FV データシート(PDF) 2 Page - Rohm

部品番号 BU2280FV
部品情報  DVD-video Reference Clock Generators for Audio/Video Equipments
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU2280FV データシート(HTML) 2 Page - Rohm

  BU2280FV_08 Datasheet HTML 1Page - Rohm BU2280FV_08 Datasheet HTML 2Page - Rohm BU2280FV_08 Datasheet HTML 3Page - Rohm BU2280FV_08 Datasheet HTML 4Page - Rohm BU2280FV_08 Datasheet HTML 5Page - Rohm BU2280FV_08 Datasheet HTML 6Page - Rohm BU2280FV_08 Datasheet HTML 7Page - Rohm BU2280FV_08 Datasheet HTML 8Page - Rohm BU2280FV_08 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2/24
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
BU2280FV
BU2288FV
BU2360FV
BU2362FV
Unit
Supply voltage
VDD
-0.5 ~ +7.0
-0.5 ~ +7.0
-0.5 ~ +7.0
-0.5 ~ +7.0
V
Input voltage
VIN
-0.5~VDD+0.5
-0.5~VDD+0.5
-0.5~VDD+0.5
-0.5~VDD+0.5
V
Storage temperature range
Tstg
-30 ~ +125
-30 ~ +125
-30 ~ +125
-30 ~ +125
Power dissipation
PD
630
*1
450
*2
450
*2
450
*2
mW
*1 In the case of exceeding Ta = 25℃, 6.3mW to be reduced per 1℃
*2 In the case of exceeding Ta = 25℃, 4.5mW to be reduced per 1℃
Operating is not guaranteed.
The radiation-resistance design is not carried out.
Power dissipation is measured when the IC is mounted to the printed circuit board.
Recommended Operating Range
Electrical characteristics
BU2280FV(VDD=3.3V, Ta=25℃, Crystal frequency 27.0000MHz, unless otherwise specified.)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Output L voltage
VOL
-
-
0.4
V
IOL=4.0mA
Output H voltage
VOH
2.4
-
-
V
IOH=-4.0mA
Consumption
current
IDD
-
30
50
mA
At no load
CLK768FS
CLK768-44
-
33.8688
-
MHz
At FSEL=L, XTAL×3136 / 625 / 4
CLK768-48
-
36.8640
-
MHz
At FSEL=H, XTAL×2048 / 375 / 4
CLK512FS
CLK512-44
-
22.5792
-
MHz
At FSEL=L, XTAL×3136 / 625 / 6
CLK512-48
-
24.5760
-
MHz
At FSEL=H, XTAL×2048 / 375 / 6
CLK384FS
CLK384-44
-
16.9344
-
MHz
At FSEL=L, XTAL×3136 / 625 / 8
CLK384-48
-
18.4320
-
MHz
At FSEL=H, XTAL×2048 / 375 / 8
CLK33M
CLK33M
-
33.8688
-
MHz
XTAL×147 / 40 / 4
CLK16M
CLK16M
-
16.9344
-
MHz
XTAL×147 / 40 / 8
Duty
Duty
45
50
55
%
Measured at a voltage of 1/2 of VDD
Period-Jitter 1σ
P-J 1σ
-
70
-
psec
*1
Period-Jitter
MIN-MAX
P-J
MIN-MAX
-
420
-
psec
*2
Rise Time
Tr
-
2.5
-
nsec
Period of transition time required for the
output reach 80% from 20% of VDD.
Fall Time
Tf
-
2.5
-
nsec
Period of transition time required for the
output reach 20% from 80% of VDD.
Output Lock-Time
Tlock
-
-
1
msec
*3
Note) The output frequency is determined by the arithmetic (frequency division) expression of a frequency input to XTALIN.
If the input frequency is set to 27.0000MHz, the output frequency will be as listed above.
Parameter
Symbol
BU2280FV
BU2288FV
BU2360FV
BU2362FV
Unit
Parameter
VDD
3.0 ~ 3.6
3.0 ~ 3.6
2.7 ~ 3.6
2.7 ~ 3.6
V
Supply voltage
VIH
0.8VDD~VDD
0.8VDD~VDD
0.8VDD~VDD
0.8VDD~VDD
V
Input “H” Voltage
VIL
0.0 ~ 0.2VDD
0.0 ~ 0.2VDD
0.0 ~ 0.2VDD
0.0 ~ 0.2VDD
V
Input “L” Voltage
Topr
-5 ~ +70
-5 ~ +70
-25 ~ +85
-25 ~ +85
Operating temperature
CL
15
15
15
15
pF
Output load
CL_27M1
-
-
40 (CLK27M1)
-
pF
27M output load 1
CL_27M2
-
-
25 (CLK27M2)
-
pF


同様の部品番号 - BU2280FV_08

メーカー部品番号データシート部品情報
logo
Rohm
BU2280FV-E2 ROHM-BU2280FV-E2 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
More results

同様の説明 - BU2280FV_08

メーカー部品番号データシート部品情報
logo
Rohm
BU2285FV ROHM-BU2285FV_08 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
BU2365FV ROHM-BU2365FV_08 Datasheet
736Kb / 17P
   Clock Generator with Built-in VCXO for Audio/Video Equipments
logo
STMicroelectronics
STE5588 STMICROELECTRONICS-STE5588 Datasheet
197Kb / 3P
   DVD and DVB decoder for video and audio with DVD audio support
logo
Rohm
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
BU2363FV ROHM-BU2363FV_15 Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
logo
STMicroelectronics
STV6432 STMICROELECTRONICS-STV6432 Datasheet
184Kb / 15P
   Audio/Video Output Buffers for STB and DVD Devices
logo
Sanyo Semicon Device
LV71081E SANYO-LV71081E_11 Datasheet
423Kb / 31P
   For Video/Audio Signal Input/ Output Interface of DVD Recorder
logo
List of Unclassifed Man...
ICS66203 ETC-ICS66203 Datasheet
105Kb / 6P
   HDTV Audio/Video Clock Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com