データシートサーチシステム |
|
BU4051BCF データシート(PDF) 6 Page - Rohm |
|
BU4051BCF データシート(HTML) 6 Page - Rohm |
6 / 18 page Technical Note BU4066BC,BU4066BCF,BU4066BCFV,BU4051BC,BU4051BCF,BU4051BCFV,BU4052BC, BU4052BCF,BU4052BCFV,BU4053BC,BU4053BCF,BU4053BCFV,BU4551B,BU4551BF,BU4551BFV 6/17 www.rohm.com 2009.06 - Rev.A © 2009 ROHM Co., Ltd. All rights reserved. ● Electrical Characteristics(BU4053BC) DC Characteristics(Unless otherwise noted, VSS=0[V],Ta=25[℃]) Parameter Symbol Standard Value Unit Condition Fig.No MIN TYP MAX VDD[V] Input “H” voltage VIH 3.5 - - V 5 - - 7.0 - - 10 11.0 - - 15 Input “L” voltage VIL - - 1.5 V 5 - - - - 3.0 10 - - 4.0 15 Input “H” current IIH - - 0.3 μA 15 VIH=15[V] - Input “L” current IIL - - -0.3 μA 15 VIL=0[V] - RON resistance RON - - 950 Ω 5 - 30 - - 250 10 - - 160 15 RON resistance defluxion △ RON - 10 - Ω 5 - - - 6 - 10 - 4 - 15 Channel-OFF Leakage current IOFF - - 0.3 μA 15 - - - - -0.3 15 Static supply current IDD - - 5 μA 5 VI=VDD or GND - - - 10 10 - - 15 15 Switching Characteristics(Unless otherwise noted, VSS=0[V],Ta=25[℃],CL=50[pF]) Parameter Symbol Standard Value Unit Condition Fig.No MIN TYP MAX VDD[V] Propagation delay time SW IN→OUT tPLH tPHL - 15 45 ns 5 - 31・32 - 8 20 10 - 6 15 15 Propagation delay time CONT→OUT tPHZ,tPLZ tPZH,tPZL - 170 550 ns 5 - 33・34 35・36 37・38 39・40 - 90 240 10 - 70 160 15 Propagation delay time INH→OUT tPHZ,tPLZ tPZH,tPZL - 150 380 ns 5 - - 70 200 10 - 50 160 15 Maximum propagation frequency fMAX. - 20 - MHz 5 VEE=-5[V] - Feed through attenuation FT - 0.7 - MHz 5 VEE=-5[V] - Sine wave distortion D - 0.02 - % 5 VEE=-5[V] - Input capacitance (control input) CC - 5 - pF - - - Input capacitance (switch input) CS - 10 - pF - - - |
同様の部品番号 - BU4051BCF |
|
同様の説明 - BU4051BCF |