データシートサーチシステム |
|
FM207L データシート(PDF) 1 Page - Rectron Semiconductor |
|
FM207L データシート(HTML) 1 Page - Rectron Semiconductor |
1 / 4 page SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. FM207L THRU FM201L SMBL MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted) ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted) Dimensions in inches and (millimeters) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Ambient Temperature Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) SYMBOL VRRM VDC IFSM CJ TSTG VRMS UNITS Volts Volts Volts Amps 2.0 50 53 30 Amps 0 C/W 0 C/W 0 C Storage Temperature Range R q J A Typical Thermal Resistance (Note 1) 16 R q J L IO pF Operating Temperature Range TJ FM201L 50 150 -55 to + 150 0 C FM202L FM203L FM204L FM205L FM206L 100 200 400 600 35 70 140 280 420 50 100 200 400 600 FM207L FM201L FM202L FM203L FM204L FM205L FM206L FM207L 800 1000 800 1000 560 700 2006-11 CHARACTERISTICS Maximum Average Reverse Current at Rated DC Blocking Voltage VF SYMBOL IR m A Maximum Instantaneous Forward Voltage at 2.0A DC Volts 5.0 125 @TA = 25 oC @TA = 100 oC m A UNITS 1.1 0.083 (2.11) 0.077 (1.96) 0.155 (3.94) 0.130 (3.30) 0.180 (4.57) 0.160 (4.06) 0.085 (2.15) 0.061 (1.55) 0.060 (1.52) 0.030 (0.76) 0.220 (5.59) 0.205 (5.21) 0.012 (0.305) 0.006 (0.152) 0.008 (0.203) 0.004 (0.102) NOTES : 1. Thermal Resistance :Mounted on PCB. 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 3. "Fully ROHS compliant","100% Sn plating (Pb-free)". FEATURES * Glass passivated device * Ideal for surface mounted applications * Low leakage current * Metallurgically bonded construction * Mounting position: Any * Weight: 0.098 gram * Epoxy : Device has UL flammability classification 94V-0 MECHANICAL DATA |
同様の部品番号 - FM207L |
|
同様の説明 - FM207L |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |