データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS13C1 データシート(PDF) 1 Page - Suntan Capacitors

部品番号 TS13C1
部品情報  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNTAN [Suntan Capacitors]
ホームページ  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13C1 データシート(HTML) 1 Page - Suntan Capacitors

  TS13C1 Datasheet HTML 1Page - Suntan Capacitors TS13C1 Datasheet HTML 2Page - Suntan Capacitors TS13C1 Datasheet HTML 3Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
Suntan®
C H I P T Y P E S E R I E S
TS13C1
F E A T U R E S
Temperature up to +105℃ with load life of 1000~2000 hours.
Lead-free reflow soldering is available subject to customers’ request.
Wide Temperature Series
Specifications
I
T
E
M
S P E R F O R M A N C E C H A R A C T E R I S T I C S
Operating Temperature Range
-55℃ ~ +105℃
Voltage Range
4~100V
Capacitance Range
0.1~10000μF
Capacitance Tolerance
±20% at 120Hz, 20℃
Leakage Current
Leakage current(φ4~φ10)≤0.01CV or 3μA,, whichever is greater.( After 2 minutes’ application of rated voltage)
Leakage current(φ12.5~φ16)≤0.03CV or 4μA,, whichever is greater.( After 1 minutes’ application of rated voltage)
Tan δ
Measurement frequency : 120Hz, Temperature : 20℃
Rated voltage (V)
4
6.3
10
16
25
35
50
63
100
φ
4~φ10
0.35
0.26
0.20
0.16
0.14
0.12
0.12
0.12
0.12
Tan δ (MAX)
φ
12.5~φ16
0.42
0.38
0.34
0.30
0.26
0.22
0.18
0.14
0.12
Stability at Low Temperature
Measurement frequency : 120Hz
Rated voltage (V)
4
6.3
10
16
25
35
50~100
Z-25℃ / Z+20℃
7
4
3
2
2
2
3
φ
4~φ10
Z-40℃ / Z+20℃
15
8
6
4
4
3
4
Z-25℃ / Z+20℃
7
5
4
3
2
2
2
Impedance
ratio
ZT / Z20
(MAX)
φ
12.5~φ16
Z-40℃ / Z+20℃
17
12
10
8
5
4
3
Load Life
After 1000 hours’ application of
rated voltage at 105℃, capacitors
meet the characteristics
requirements listed at right
Capacitance Change
Within ± 20% of initial value for capacitors of 25V or more
Within ± 25% of initial value for capacitors of 16V or less
Leakage Current
Initial specified value or less
Tan δ
200% or less of initial specified value
Self Life
After leaving capacitors under no load at 105℃ for 1000 hours, they meet the specified value for load life characteristics listed
above.
Resistance to Soldering Heat
After reflow soldering according and restored at
room temperature, they meet the characteristics
requirements listed at right.
Capacitance Change
Within ± 10% of initial value
Tan δ
Initial specified value or less
Leakage Current
Initial specified value or less
Applicable Standards
JIS C-5141 and JIS C-5102.
Chip type
*1 Voltage mark [6V] represents 6.3V for Ф4~
Ф
10;
*2 [L±0.3] is applicable to Φ6.3×7.7 and Φ
8×6.2;
*3 [L±0.5] is applicable to Φ8×10.5~Ф10;
*4 [L±1.0] is applicable to Φ12.5~Ф16.
Re: Date code and series type — 1
st digit for
Year;
2
nd digit for Quarter, 4 quarter codes in one year
are 1, 4, 7, O;
3
rd character for Series; HT Series = T
(mm)
Ø
DxL
4x5.4
5x5.4
6.3x5.4
8x6.2
6.3x7.7
8x10.5
10x10.5
10x135
12.5x13.5
12.5x16
16x16.5/21.5
A
1.8
2.1
2.4
3.3
2.4
2.9
3.2
3.2
4.7
4.7
5.5
B
4.3
5.3
6.6
8.3
6.6
8.3
10.3
10.3
13.0
13.0
17.0
C
4.3
5.3
6.6
8.3
6.6
8.3
10.3
10.3
13.0
13.0
17.0
E±0.2
1.0
1.3
2.2
2.2
2.2
3.1
4.5
4.4
4.4
4.4
6.7
L
5.4
5.4
5.4
6.2
7.7
10.5
10.5
13.5
13.5
16.0
16.5/21.5
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


同様の部品番号 - TS13C1

メーカー部品番号データシート部品情報
logo
Suntan Capacitors
TS13C1 SUNTAN-TS13C1 Datasheet
388Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C1 SUNTAN-TS13C1_17 Datasheet
272Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

同様の説明 - TS13C1

メーカー部品番号データシート部品情報
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com