データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS13C4 データシート(PDF) 1 Page - Suntan Capacitors

部品番号 TS13C4
部品情報  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNTAN [Suntan Capacitors]
ホームページ  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13C4 データシート(HTML) 1 Page - Suntan Capacitors

  TS13C4 Datasheet HTML 1Page - Suntan Capacitors TS13C4 Datasheet HTML 2Page - Suntan Capacitors TS13C4 Datasheet HTML 3Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
Suntan®
C H I P T Y P E S E R I E S
TS13C4
F E A T U R E S
Low impedance with temperature range -55℃ +105℃ and load life of
1000-2000 hours.
Lead-free reflow soldering is available subject to customers’ request.
Low Impedance Series
Specifications
I T E M S P E R F O R M A N C E C H A R A C T E R I S T I C S
Operating Temperature Range
-55℃ ~ +105℃
Voltage Range
6.3~50V
Capacitance Range
1~6800μF
Capacitance Tolerance
±20% at 120Hz, 20℃
Leakage Current
For Ø4~Ø10, After 2 minutes’ application of rated voltage, leakage current is not more than 0.01CV or 3μA, whichever is greater.
For Ø12.5~Ø16, After 1 minutes’ application of rated voltage, leakage current is not more than 0.01CV or 4μA, whichever is greater.
Tan δ
Measurement frequency : 120Hz, Temperature : 20℃
Rated voltage (V)
6.3
10
16
25
35
50
Ø4~Ø10
0.22
0.19
0.16
0.14
0.12
0.12
Tan δ (MAX)
Ø12.5~Ø16
0.26
0.22
0.18
0.16
0.14
0.12
Stability at Low Temperature
Measurement frequency : 120Hz
Rated voltage (V)
6.3
10
16
25
35
50
Z-25℃ / Z+20℃
2
2
2
2
2
2
Ø4~Ø10
Z-40℃ / Z+20℃
5
4
4
3
3
3
Z-25℃ / Z+20℃
3
2
2
2
2
2
Impedance ratio
ZT / Z20 (MAX)
Ø12.5~Ø16
Z-40℃ / Z+20℃
10
8
6
4
3
3
Load Life
After 2000 hours’( 1000 hours for Ø4~
Ø6.3*5.4)
application of rated voltage at
105℃ capacitors meet the
characteristics requirements listed at
right
Capacitance Change
Within ± 20% of initial value
Tan δ
200% or less of initial specified value
Leakage Current
Initial specified value or less
Self Life
After leaving capacitors under no load at 105℃ for 1000 hours, they meet the specified value for load life characteristics listed above.
Resistance to Soldering Heat
After reflow soldering according and restored at
room temperature, they meet the characteristics
requirements listed at right.
Capacitance Change
Within ± 10% of initial value
Tan δ
Initial specified value or less
Leakage Current
Initial specified value or less
Applicable Standards
JIS C-5141 and JIS C-5102
Chip type
*1 Voltage mark [6V] represents 6.3V for Ф4~Ф10;
*2 [L±0.3] is applicable to Φ6.3×7.7 and Φ8×6.2;
*3 [L±0.5] is applicable to Φ8×10.5~Ф10;
*4 [L±1.0] is applicable to Φ12.5~Ф16.
Re: Date code and series type — 1st digit for Year; 2nd digit for Quarter, 4 quarter codes in one year are 1, 4, 7, O;
3rd character for Series; LZ Series = L.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


同様の部品番号 - TS13C4

メーカー部品番号データシート部品情報
logo
Suntan Capacitors
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4_17 Datasheet
158Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

同様の説明 - TS13C4

メーカー部品番号データシート部品情報
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com