データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS17 データシート(PDF) 4 Page - Suntan Capacitors

部品番号 TS17
部品情報  MULTILAYER (MONO) CERAMIC CAPACITOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNTAN [Suntan Capacitors]
ホームページ  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS17 データシート(HTML) 4 Page - Suntan Capacitors

  TS17 Datasheet HTML 1Page - Suntan Capacitors TS17 Datasheet HTML 2Page - Suntan Capacitors TS17 Datasheet HTML 3Page - Suntan Capacitors TS17 Datasheet HTML 4Page - Suntan Capacitors TS17 Datasheet HTML 5Page - Suntan Capacitors TS17 Datasheet HTML 6Page - Suntan Capacitors TS17 Datasheet HTML 7Page - Suntan Capacitors TS17 Datasheet HTML 8Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MULTILAYER (MONO) CERAMIC CAPACITOR
Suntan®
TS17
Leads MLCC(Radial、Axial)
Quality Item & Reliability inspection
Item
Test Specifications
Test Methods
Solderability
Termination area shall be at least 75%
covered with a new solder coating.
The lead wire of acapacitor shall be dipped
into a 25% methanol solution of rosin and
then into molten solderol 235℃ for 2±
0.5seconds,in both cases the depth of
dipping is up to about 2.5 to 3.0mm from the
rool of lead.
Resistance to
soldering heat
There shall be no evidence of damage or flash
over during the test and sign in tocus.
T.C
C/C<
CG/CH/RH
0.5% or 0.5Pf
UJ/SL
1% or 1pF
B
±
10%
Y(F)/E
±
20%
The lead wire shall be immersed ito the
melted solder of 260℃±5℃.up to about 2.5
to 3.0mm from the main body for 5±0.5sec
and the specitied items shall be measured
after leaving for 24±2hours
Appearance
There shall be no
evidence of damage
or flash over during
the test and sign in
focus
Capacitance change
NPO:<2%;X7R<20%;
Y5V:<30%
D.F
NPO:<0.3
X7R:<5%
Y5V:<7%
Life test
I.R
R.C<258
Condition
NPO X7R Y5V Z5U
Temperature
+125℃
+85℃
Time
T=1000h
Voltage
V=1.5Vr
Recovery
time
24±1h
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


同様の部品番号 - TS17

メーカー部品番号データシート部品情報
logo
CUI INC
TS17 CUI-TS17 Datasheet
351Kb / 4P
   TACTILE SWITCH
05/10/2022
TS17-48-05-YE-16-SMT-TR CUI-TS17-48-05-YE-16-SMT-TR Datasheet
351Kb / 4P
   TACTILE SWITCH
05/10/2022
TS17-48-05-YE-260-SMT-TR CUI-TS17-48-05-YE-260-SMT-TR Datasheet
351Kb / 4P
   TACTILE SWITCH
05/10/2022
logo
Taiwan Semiconductor Co...
TS178R00 TSC-TS178R00 Datasheet
184Kb / 5P
   1A Ultra Low Dropout Voltage Regulator w/Disable
TS178R05 TSC-TS178R05 Datasheet
184Kb / 5P
   1A Ultra Low Dropout Voltage Regulator w/Disable
More results

同様の説明 - TS17

メーカー部品番号データシート部品情報
logo
Suntan Capacitors
TS17 SUNTAN-TS17_17 Datasheet
424Kb / 8P
   MULTILAYER (MONO) CERAMIC CAPACITOR
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com