データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SFR605 データシート(PDF) 2 Page - Won-Top Electronics

部品番号 SFR605
部品情報  6.0A SOFT FAST RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WTE [Won-Top Electronics]
ホームページ  http://www.wontop.com
Logo WTE - Won-Top Electronics

SFR605 データシート(HTML) 2 Page - Won-Top Electronics

  SFR605 Datasheet HTML 1Page - Won-Top Electronics SFR605 Datasheet HTML 2Page - Won-Top Electronics SFR605 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
2
4
6
8
0
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE ( C)
Fig. 1, Typical Forward Current Derating Curve
A
°
0.1
1
10
100
1000
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 3, Typical Instantaneous Forward Characteristics
F
T = 25 C
Pulse Width = 300 s
1% Duty Cycle
J
°
µ
0
100
150
200
250
300
350
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 2 Max Non-Repetitive Peak Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
1.0
10
100
1000
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25 C
f = 1.0MHz
j
°
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
SFR601 – SFR607
2 of 3
© 2002 Won-Top Electronics


同様の部品番号 - SFR605

メーカー部品番号データシート部品情報
logo
Jinan Gude Electronic D...
SFR605 JGD-SFR605 Datasheet
146Kb / 2P
   6.0 AMPS. SOFT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
SFR605 TSC-SFR605 Datasheet
70Kb / 2P
   6.0 AMPS. Soft Fast Recovery Rectifiers
SFR605 TSC-SFR605 Datasheet
255Kb / 2P
   6.0 AMPS. Soft Fast Recovery Rectifiers
More results

同様の説明 - SFR605

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
FR601 WTE-FR601 Datasheet
51Kb / 3P
   6.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR602-T DIODES-FR602-T Datasheet
59Kb / 2P
   6.0A FAST RECOVERY RECTIFIER
FR601 DIODES-FR601 Datasheet
57Kb / 2P
   6.0A FAST RECOVERY RECTIFIER
DS26004 Rev. C1-3
PR6001 DIODES-PR6001_1 Datasheet
97Kb / 3P
   6.0A FAST RECOVERY RECTIFIER
DS26007 Rev. 3 - 2
logo
TAITRON Components Inco...
TF601L TAITRON-TF601L Datasheet
132Kb / 4P
   6.0A Fast Recovery Rectifier
logo
Diodes Incorporated
PR6001 DIODES-PR6001 Datasheet
62Kb / 2P
   6.0A FAST RECOVERY RECTIFIER
DS26007 Rev. A1-2
FR607-T DIODES-FR607-T Datasheet
59Kb / 2P
   6.0A FAST RECOVERY RECTIFIER
SF61 DIODES-SF61 Datasheet
59Kb / 2P
   6.0A SUPER-FAST RECOVERY RECTIFIER
DS24004 Rev. D-3
logo
TAITRON Components Inco...
TSF61 TAITRON-TSF61 Datasheet
129Kb / 4P
   6.0A Super Fast Recovery Rectifier
TUF601 TAITRON-TUF601 Datasheet
162Kb / 6P
   6.0A Ultra Fast Recovery Rectifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com