データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X1227S8I-4.5A データシート(PDF) 9 Page - Xicor Inc.

部品番号 X1227S8I-4.5A
部品情報  Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XICOR [Xicor Inc.]
ホームページ  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1227S8I-4.5A データシート(HTML) 9 Page - Xicor Inc.

Back Button X1227S8I-4.5A Datasheet HTML 5Page - Xicor Inc. X1227S8I-4.5A Datasheet HTML 6Page - Xicor Inc. X1227S8I-4.5A Datasheet HTML 7Page - Xicor Inc. X1227S8I-4.5A Datasheet HTML 8Page - Xicor Inc. X1227S8I-4.5A Datasheet HTML 9Page - Xicor Inc. X1227S8I-4.5A Datasheet HTML 10Page - Xicor Inc. X1227S8I-4.5A Datasheet HTML 11Page - Xicor Inc. X1227S8I-4.5A Datasheet HTML 12Page - Xicor Inc. X1227S8I-4.5A Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
X1227
REV 1.1.20 1/13/03
Characteristics subject to change without notice.
9 of 28
www.xicor.com
Figure 4. Power On Reset and Low Voltage Reset
VCC
VTRIP
RESET
tPURST
tPURST
tR
tF
tRPD
VRVALID
VCC THRESHOLD RESET PROCEDURE
[OPTIONAL]
The X1227 is shipped with a standard VCC threshold
(VTRIP) voltage. This value will not change over normal
operating and storage conditions. However, in applica-
tions where the standard VTRIP is not exactly right, or if
higher precision is needed in the VTRIP value, the
X1227 threshold may be adjusted. The procedure is
described below, and uses the application of a nonvol-
atile write control signal.
Setting the VTRIP Voltage
It is necessary to reset the trip point before setting the
new value.
To set the new VTRIP voltage, apply the desired VTRIP
threshold voltage to the VCC pin and tie the RESET pin
to the programming voltage VP. Then write data 00h to
address 01h. The stop bit following a valid write opera-
tion initiates the VTRIP programming sequence. Bring
RESET to VCC to complete the operation. Note: this
operation may take up to 10 milliseconds to complete
and also writes 00h to address 01h of the EEPROM
array.
Figure 5. Set VTRIP Level Sequence (VCC = desired VTRIP value)
SCL
SDA
01h
RESET
VP = 15V
00h
012 345 67
0 1 2 345 67
01 2 3 4 5 6 7
0 1 2 3 45 67
AEh
00h
VCC
VCC
Note: BP0, BP1, BP2 must be disabled.
Resetting the VTRIP Voltage
This procedure is used to set the VTRIP to a “native”
voltage level. For example, if the current VTRIP is 4.4V
and the new VTRIP must be 4.0V, then the VTRIP must
be reset. When VTRIP is reset, the new VTRIP is some-
thing less than 1.7V. This procedure must be used to
set the voltage to a lower value.
To reset the new VTRIP voltage, apply more than 5.5V
to the VCC pin and tie the RESET pin to the
programming voltage VP. Then write 00h to address
03h. The stop bit of a valid write operation initiates the
VTRIP programming sequence. Bring RESET to VCC to
complete the operation. Note: this operation takes up
to 10 milliseconds to complete and also writes 00h to
address 03h of the EEPROM array.
For best accuracy in setting VTRIP, it is advised that the
following sequence be used.
1.Program VTRIP as above.
2.Measure resulting VTRIP by measuring the VCC
value where a RESET occurs. Calculate Delta =
(Desired – Measured) VTRIP value.
3.Perform a VTRIP program using the following formula
to set the voltage of the RESET pin:
VRESET = (Desired Value – Delta) + 0.025V


同様の部品番号 - X1227S8I-4.5A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
X1227S8I-4.5A INTERSIL-X1227S8I-4.5A Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1227S8I-4.5A INTERSIL-X1227S8I-4.5A Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227S8I-4.5A RENESAS-X1227S8I-4.5A Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
More results

同様の説明 - X1227S8I-4.5A

メーカー部品番号データシート部品情報
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com