データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X1227S8I データシート(PDF) 8 Page - Xicor Inc.

部品番号 X1227S8I
部品情報  Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XICOR [Xicor Inc.]
ホームページ  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1227S8I データシート(HTML) 8 Page - Xicor Inc.

Back Button X1227S8I Datasheet HTML 4Page - Xicor Inc. X1227S8I Datasheet HTML 5Page - Xicor Inc. X1227S8I Datasheet HTML 6Page - Xicor Inc. X1227S8I Datasheet HTML 7Page - Xicor Inc. X1227S8I Datasheet HTML 8Page - Xicor Inc. X1227S8I Datasheet HTML 9Page - Xicor Inc. X1227S8I Datasheet HTML 10Page - Xicor Inc. X1227S8I Datasheet HTML 11Page - Xicor Inc. X1227S8I Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
X1227
REV 1.1.20 1/13/03
Characteristics subject to change without notice.
8 of 28
www.xicor.com
POWER ON RESET
Application of power to the X1227 activates a Power
On Reset Circuit that pulls the RESET pin active. This
signal provides several benefits.
– It prevents the system microprocessor from starting
to operate with insufficient voltage.
– It prevents the processor from operating prior to sta-
bilization of the oscillator.
– It allows time for an FPGA to download its configura-
tion prior to initialization of the circuit.
– It prevents communication to the EEPROM, greatly
reducing the likelihood of data corruption on power up.
When VCC exceeds the device VTRIP threshold value
for typically 250ms the circuit releases RESET, allow-
ing the system to begin operation. Recommended slew
rate is between 0.2V/ms and 50V/ms.
WATCHDOG TIMER OPERATION
The watchdog timer is selectable. By writing a value to
WD1 and WD0, the watchdog timer can be set to 3 dif-
ferent time out periods or off. When the Watchdog
timer is set to off, the watchdog circuit is configured for
low power operation.
Watchdog Timer Restart
The Watchdog Timer is started by a falling edge of
SDA when the SCL line is high and followed by a stop
bit. The start signal restarts the watchdog timer
counter, resetting the period of the counter back to the
maximum. If another start fails to be detected prior to
the watchdog timer expiration, then the RESET pin
becomes active. In the event that the start signal
occurs during a reset time out period, the start will
have no effect. When using a single START to refresh
watchdog timer, a STOP bit should be followed to reset
the device back to stand-by mode.
LOW VOLTAGE RESET OPERATION
When a power failure occurs, and the voltage to the
part drops below a fixed vTRIP voltage, a reset pulse is
issued to the host microcontroller. The circuitry moni-
tors the VCC line with a voltage comparator which
senses a preset threshold voltage. Power up and
power down waveforms are shown in Figure 4. The
Low Voltage Reset circuit is to be designed so the
RESET signal is valid down to 1.0V.
When the low voltage reset signal is active, the operation
of any in progress nonvolatile write cycle is unaffected,
allowing a nonvolatile write to continue as long as possi-
ble (down to the power on reset voltage). The low voltage
reset signal, when active, terminates in progress commu-
nications to the device and prevents new commands, to
reduce the likelihood of data corruption.
Figure 3. Watchdog Restart/Time Out
tRSP<tWDO
tRST
RESET
SDA
tRSP
Note: All inputs are ignored during the active reset period (tRST).
tRST
SCL
tRSP>tWDO
tRSP>tWDO
Start
Stop
Start


同様の部品番号 - X1227S8I

メーカー部品番号データシート部品情報
logo
Intersil Corporation
X1227S8I INTERSIL-X1227S8I Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1227S8I INTERSIL-X1227S8I Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227S8I RENESAS-X1227S8I Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227S8I-2.7 INTERSIL-X1227S8I-2.7 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1227S8I-2.7 INTERSIL-X1227S8I-2.7 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
More results

同様の説明 - X1227S8I

メーカー部品番号データシート部品情報
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com