データシートサーチシステム |
|
CS01GTREW1R00 データシート(PDF) 3 Page - Token Electronics Industry Co., Ltd. |
|
CS01GTREW1R00 データシート(HTML) 3 Page - Token Electronics Industry Co., Ltd. |
3 / 8 page 03 of 08 Standard Electrical Specifications Type Power Rating at 70°C Operating Temp. Range Resistance Tolerance Resistance Range TCR (PPM/°C) CS01 (0201) 1/20W -55 ~ +155°C ±1% ±2% ±5% 100mΩ~149mΩ 150mΩ~500mΩ 501mΩ~1000mΩ ±1000PPM/°C ±600PPM/°C ±300PPM/°C CS02 (0402) 1/16W 50mΩ~100mΩ 101mΩ~500mΩ 501mΩ~1Ω ±400PPM/°C ±300PPM/°C ±200PPM/°C CS03 (0603) 1/10W 20mΩ~50mΩ 51mΩ~100mΩ 101mΩ~500mΩ 501mΩ~1Ω ±600PPM/°C ±400PPM/°C ±300PPM/°C ±200PPM/°C CS05 (0805) 1/8W 20mΩ~50mΩ 51mΩ~100mΩ 101mΩ~500mΩ 501mΩ~1Ω ±600PPM/°C ±400PPM/°C ±300PPM/°C ±200PPM/°C CS06 (1206) 1/4W 10mΩ~20mΩ 21mΩ~50mΩ 51mΩ~500mΩ 501mΩ~1Ω ±600PPM/°C ±400PPM/°C ±300PPM/°C ±200PPM/°C CS13 (1210) 1/2W CS10 (2010) 3/4W CS12 (2512) 1W CS25 (1225) 3W 3mΩ~5mΩ 6mΩ~20mΩ 21mΩ~30mΩ 31mΩ~200mΩ ±300PPM/°C ±200PPM/°C ±150PPM/°C ±100PPM/°C ±200PPM/°C CS37 (3720) 1W 10mΩ~19mΩ 20mΩ~500mΩ ±300PPM/°C ±150PPM/°C CS75 (7520) 2W ±2%,±5% 1mΩ~4mΩ ±300PPM/°C ±1%,±2%,±5% 5mΩ~10mΩ 11mΩ~350mΩ ±200PPM/°C ±150PPM/°C Note:Token has the ability to manufacture following options based on customer’s requirement. Low TCR Electrical Specifications Type Power Rating at 70°C Operating Temp. Range Resistance Tolerance Resistance Range TCR CS06*TRE** 1/4W -55 ~ +155°C ±1% ±2% ±5% 100mΩ~1000mΩ ±100PPM/°C CS13*TRE** 1/2W 100mΩ~1000mΩ ±100PPM/°C CS10*TRE** 3/4W 100mΩ~1000mΩ ±100PPM/°C CS12*TRE** 1W 20mΩ~1000mΩ ±100PPM/°C CS37*TRE** 1W 100mΩ~500mΩ ±100PPM/°C CS75*TRE** 2W 50mΩ~350mΩ ±100PPM/°C CS Current Detecting Chip Resistors TOKEN Version 2010 http://www.token.com.tw/ rfq token.com.tw |
同様の部品番号 - CS01GTREW1R00 |
|
同様の説明 - CS01GTREW1R00 |