データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS01JTRRSR010N データシート(PDF) 4 Page - Token Electronics Industry Co., Ltd.

部品番号 CS01JTRRSR010N
部品情報  CS Current Detecting Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOKEN [Token Electronics Industry Co., Ltd.]
ホームページ  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

CS01JTRRSR010N データシート(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  CS01JTRRSR010N Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. CS01JTRRSR010N Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. CS01JTRRSR010N Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. CS01JTRRSR010N Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. CS01JTRRSR010N Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. CS01JTRRSR010N Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. CS01JTRRSR010N Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. CS01JTRRSR010N Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
04 of 08
High Power Rating Electrical Specifications
Type
Power Rating
at 70°C
Operating Temp.
Range
Resistance
Tolerance
Resistance Range
TCR
CS03*TR*W** 1/8W
-55 ~ +155°C
±1%
±2%
±5%
51mΩ~100mΩ
101mΩ~500mΩ
501mΩ~1000mΩ
±400PPM/°C
±300PPM/°C
±200PPM/°C
CS05*TR*V** 1/4W 1/2W
CS06*TR*U** 1/2W
10mΩ~20mΩ
21mΩ~50mΩ
51mΩ~500mΩ
501mΩ~1000mΩ
±600PPM/°C
±400PPM/°C
±300PPM/°C
±200PPM/°C
CS13*TR*Q** 3/4W
CS10*TR*T**
1W
CS12*TR*A** 1.5W
CS12*TR*S**
2W
Power Derating Curve
Ambient Temperature (°C)
100
80
60
40
20
0
20
40
60 70 80
160
140
120
100
0
180
Derating Curve
CS Current Detecting Chip Resistors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


同様の部品番号 - CS01JTRRSR010N

メーカー部品番号データシート部品情報
logo
ice Components, Ins.
CS01 ICE-CS01 Datasheet
403Kb / 2P
   Common Mode Choke
CS01 ICE-CS01 Datasheet
281Kb / 2P
   Common Mode Choke
logo
List of Unclassifed Man...
CS01 ETC-CS01 Datasheet
1Mb / 3P
   CURRENT SENSING CHIP RESISTROS
logo
ice Components, Ins.
CS01-100 ICE-CS01-100 Datasheet
403Kb / 2P
   Common Mode Choke
CS01-100 ICE-CS01-100 Datasheet
281Kb / 2P
   Common Mode Choke
More results

同様の説明 - CS01JTRRSR010N

メーカー部品番号データシート部品情報
logo
KOA Speer Electronics, ...
TSL1TTE KOA-TSL1TTE Datasheet
98Kb / 6P
   Current Detecting Chip Resistors
BPR KOA-BPR Datasheet
378Kb / 2P
   Power type current detecting resistors
logo
HOKURIKU ELECTRIC INDUS...
E0119AA HOKURIKU-E0119AA Datasheet
44Kb / 1P
   Current Detecting Plate Chip Resistor
logo
KOA Speer Electronics, ...
SL2TTE KOA-SL2TTE Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSR NIC-NCSR Datasheet
484Kb / 5P
   Current Sensing Chip Resistors
logo
List of Unclassifed Man...
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSS NIC-NCSS Datasheet
92Kb / 6P
   Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSP NIC-NCSP Datasheet
119Kb / 2P
   Current Sensing Chip Resistors
NCST NIC-NCST Datasheet
176Kb / 6P
   Current Sensing Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com