データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EP10-3C81-A160 データシート(PDF) 2 Page - Ferroxcube International Holding B.V.

部品番号 EP10-3C81-A160
部品情報  EP cores and accessories
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FERROXCUBE [Ferroxcube International Holding B.V.]
ホームページ  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

EP10-3C81-A160 データシート(HTML) 2 Page - Ferroxcube International Holding B.V.

  EP10-3C81-A160 Datasheet HTML 1Page - Ferroxcube International Holding B.V. EP10-3C81-A160 Datasheet HTML 2Page - Ferroxcube International Holding B.V. EP10-3C81-A160 Datasheet HTML 3Page - Ferroxcube International Holding B.V. EP10-3C81-A160 Datasheet HTML 4Page - Ferroxcube International Holding B.V. EP10-3C81-A160 Datasheet HTML 5Page - Ferroxcube International Holding B.V. EP10-3C81-A160 Datasheet HTML 6Page - Ferroxcube International Holding B.V. EP10-3C81-A160 Datasheet HTML 7Page - Ferroxcube International Holding B.V. EP10-3C81-A160 Datasheet HTML 8Page - Ferroxcube International Holding B.V. EP10-3C81-A160 Datasheet HTML 9Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2008 Sep 01
684
Ferroxcube
EP cores and accessories
EP10
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
1.70
mm−1
Ve
effective volume
215
mm3
Ie
effective length
19.3
mm
Ae
effective area
11.3
mm2
Amin
minimum area
8.55
mm2
m
mass of core set
≈ 2.8
g
Fig.1 EP10 core set.
Dimensions in mm.
handbook, halfpage
;;;
;;;
;;;
;;;
MBG177
1.8
± 0.13
7.6
± 0.2
10.2
± 0.2
7.4
± 0.2
3.3
± 0.15
9.4
± 0.2
11.5
± 0.3
Core sets for filter applications
Clamping force for AL measurements, 30
±10 N.
Core sets for general purpose transformers and power applications
Clamping force for AL measurements, 30
±10 N.
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3B46
1400
±25%
≈ 1890
≈ 0
EP10-3B46
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
3C81
25
±3%
≈ 34
≈1010
EP10-3C81-E25
40
±3%
≈ 54
≈ 530
EP10-3C81-A40
63
±3%
≈ 86
≈ 290
EP10-3C81-A63
100
±3%
≈ 136
≈ 160
EP10-3C81-A100
160
±5%
≈ 217
≈ 90
EP10-3C81-A160
1200
±25%
≈ 1630
≈ 0
EP10-3C81
3C91
1200
±25%
≈ 1630
≈0
EP10-3C91
3C94
25
±3%
≈ 34
≈1010
EP10-3C94-E25
40
±3%
≈ 54
≈ 530
EP10-3C94-A40
63
±3%
≈ 86
≈ 290
EP10-3C94-A63
100
±3%
≈ 136
≈ 160
EP10-3C94-A100
160
±5%
≈ 217
≈ 90
EP10-3C94-A160
1140
±25%
≈ 1550
≈ 0
EP10-3C94


同様の部品番号 - EP10-3C81-A160

メーカー部品番号データシート部品情報
logo
YUXIANG Magnetc materia...
EP10 YUXIANG-EP10 Datasheet
105Kb / 2P
   EP Core
logo
Pulse A Technitrol Comp...
EP10 PULSE-EP10 Datasheet
1Mb / 3P
   POWER MAGNETICS
logo
Actel Corporation
EP100 ACTEL-EP100 Datasheet
76Kb / 2P
   EP100 PowerPC Bus Slave
logo
Axiomtek Co., Ltd.
EP100 AXIOMTEK-EP100 Datasheet
267Kb / 1P
   4 COM ports
logo
B. B. Battery Co., Ltd.
EP100-12 BB-BATTERY-EP100-12 Datasheet
182Kb / 1P
   VRLA Rechargeable Battery
More results

同様の説明 - EP10-3C81-A160

メーカー部品番号データシート部品情報
logo
Ferroxcube Internationa...
CSH-EP20-1S-10P-T FERROXCUBE-CSH-EP20-1S-10P-T Datasheet
45Kb / 1P
   EP cores and accessories
EP7 FERROXCUBE-EP7_1 Datasheet
25Kb / 1P
   EP cores and accessories
EP20 FERROXCUBE-EP20_1 Datasheet
8Kb / 1P
   EP cores and accessories
CPHS-EP7-1S-6P-T FERROXCUBE-CPHS-EP7-1S-6P-T Datasheet
9Kb / 1P
   EP cores and accessories
CSH-EP7-1S-8P-LZ FERROXCUBE-CSH-EP7-1S-8P-LZ Datasheet
9Kb / 1P
   EP cores and accessories
CPHS-EP5-1S-6P FERROXCUBE-CPHS-EP5-1S-6P Datasheet
81Kb / 1P
   EP cores and accessories
EP17 FERROXCUBE-EP17_1 Datasheet
20Kb / 1P
   EP cores and accessories
EP20 FERROXCUBE-EP20 Datasheet
64Kb / 6P
   EP cores and accessories
CSH-EP17-1S-8P FERROXCUBE-CSH-EP17-1S-8P Datasheet
44Kb / 1P
   EP cores and accessories
CSHS-EP7-1S-6P FERROXCUBE-CSHS-EP7-1S-6P Datasheet
50Kb / 1P
   EP cores and accessories
CSHS-EP13-1S-10P-T FERROXCUBE-CSHS-EP13-1S-10P-T Datasheet
43Kb / 1P
   EP cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com