データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EP10-3C81-A160 データシート(PDF) 6 Page - Ferroxcube International Holding B.V.

部品番号 EP10-3C81-A160
部品情報  EP cores and accessories
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FERROXCUBE [Ferroxcube International Holding B.V.]
ホームページ  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

EP10-3C81-A160 データシート(HTML) 6 Page - Ferroxcube International Holding B.V.

  EP10-3C81-A160 Datasheet HTML 1Page - Ferroxcube International Holding B.V. EP10-3C81-A160 Datasheet HTML 2Page - Ferroxcube International Holding B.V. EP10-3C81-A160 Datasheet HTML 3Page - Ferroxcube International Holding B.V. EP10-3C81-A160 Datasheet HTML 4Page - Ferroxcube International Holding B.V. EP10-3C81-A160 Datasheet HTML 5Page - Ferroxcube International Holding B.V. EP10-3C81-A160 Datasheet HTML 6Page - Ferroxcube International Holding B.V. EP10-3C81-A160 Datasheet HTML 7Page - Ferroxcube International Holding B.V. EP10-3C81-A160 Datasheet HTML 8Page - Ferroxcube International Holding B.V. EP10-3C81-A160 Datasheet HTML 9Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2008 Sep 01
688
Ferroxcube
EP cores and accessories
EP10
General data CSH-EP10-2S-8P
Winding data and area product for EP10 coil former
PARAMETER
SPECIFICATION
Coil former material
phenolformaldehyde (PF), glass-reinforced, flame retardant in accordance with
“UL 94V-0”; UL file number E41429 (M)
Pin material
copper-clad steel, tin (Sn) plated
Maximum operating temperature
155
°C, “IEC 60085”, class F
Resistance to soldering heat
“IEC 60068-2-20” , Part 2, Test Tb, method 1B, 350
°C, 3.5 s
Solderability
“IEC 60068-2-20”, Part 2, Test Ta, method 1, 235
°C, 2 s
NUMBER OF
SECTIONS
MINIMUM
WINDING
AREA
(mm2)
NOMINAL
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
22
× 4.8
2
× 2.6
21.6
2 x 54.2
CSH-EP10-2S-8P
handbook, full pagewidth
11.1 max.
8.9
±0.1
3.6
+0.05
CBW503
(5.4 min.)
0.7
0.7
0.45
7
±0.1
7.5
2.5
11.1 max.
3.4
7.5
1
±0.15
9.9
max.
0.9
∅0.6
2.55
∅4.9
−0.1
2.5
Fig.3 EP10 coil former.
Dimensions in mm.


同様の部品番号 - EP10-3C81-A160

メーカー部品番号データシート部品情報
logo
YUXIANG Magnetc materia...
EP10 YUXIANG-EP10 Datasheet
105Kb / 2P
   EP Core
logo
Pulse A Technitrol Comp...
EP10 PULSE-EP10 Datasheet
1Mb / 3P
   POWER MAGNETICS
logo
Actel Corporation
EP100 ACTEL-EP100 Datasheet
76Kb / 2P
   EP100 PowerPC Bus Slave
logo
Axiomtek Co., Ltd.
EP100 AXIOMTEK-EP100 Datasheet
267Kb / 1P
   4 COM ports
logo
B. B. Battery Co., Ltd.
EP100-12 BB-BATTERY-EP100-12 Datasheet
182Kb / 1P
   VRLA Rechargeable Battery
More results

同様の説明 - EP10-3C81-A160

メーカー部品番号データシート部品情報
logo
Ferroxcube Internationa...
CSH-EP20-1S-10P-T FERROXCUBE-CSH-EP20-1S-10P-T Datasheet
45Kb / 1P
   EP cores and accessories
EP7 FERROXCUBE-EP7_1 Datasheet
25Kb / 1P
   EP cores and accessories
EP20 FERROXCUBE-EP20_1 Datasheet
8Kb / 1P
   EP cores and accessories
CPHS-EP7-1S-6P-T FERROXCUBE-CPHS-EP7-1S-6P-T Datasheet
9Kb / 1P
   EP cores and accessories
CSH-EP7-1S-8P-LZ FERROXCUBE-CSH-EP7-1S-8P-LZ Datasheet
9Kb / 1P
   EP cores and accessories
CPHS-EP5-1S-6P FERROXCUBE-CPHS-EP5-1S-6P Datasheet
81Kb / 1P
   EP cores and accessories
EP17 FERROXCUBE-EP17_1 Datasheet
20Kb / 1P
   EP cores and accessories
EP20 FERROXCUBE-EP20 Datasheet
64Kb / 6P
   EP cores and accessories
CSH-EP17-1S-8P FERROXCUBE-CSH-EP17-1S-8P Datasheet
44Kb / 1P
   EP cores and accessories
CSHS-EP7-1S-6P FERROXCUBE-CSHS-EP7-1S-6P Datasheet
50Kb / 1P
   EP cores and accessories
CSHS-EP13-1S-10P-T FERROXCUBE-CSHS-EP13-1S-10P-T Datasheet
43Kb / 1P
   EP cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com