データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A-12W-K データシート(PDF) 3 Page - Fujitsu Component Limited.

部品番号 A-12W-K
部品情報  MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FUJITSU [Fujitsu Component Limited.]
ホームページ  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

A-12W-K データシート(HTML) 3 Page - Fujitsu Component Limited.

  A-12W-K Datasheet HTML 1Page - Fujitsu Component Limited. A-12W-K Datasheet HTML 2Page - Fujitsu Component Limited. A-12W-K Datasheet HTML 3Page - Fujitsu Component Limited. A-12W-K Datasheet HTML 4Page - Fujitsu Component Limited. A-12W-K Datasheet HTML 5Page - Fujitsu Component Limited. A-12W-K Datasheet HTML 6Page - Fujitsu Component Limited. A-12W-K Datasheet HTML 7Page - Fujitsu Component Limited. A-12W-K Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
A SERIES
n
SPECIFICATIONS
Standard Type
Single Winding Latching Type Double Winding Latching Type
Item
A-( ) W-K
AL-( ) W-K
AL-D ( ) W-K
Contact
Arrangement
2formC(DPDT)
Material
Goldoverlaysilveralloy
Resistance (initial)
Maximum 50 mΩ (at 1 A 6 VDC)
Rating(resistive)
0.5A125VACor1A30VDC
MaximumCarryingCurrent
2A
MaximumSwitchingPower
62.5AV/30W
MaximumSwitchingVoltage
125VAC,110VDC
MaximumSwitchingCurrent
2A
MinimumSwitchingLoad*1
0.01mA10mVDC
Capacitance
Approximately 0.5 pF (between open contacts, adjacent contacts)
Approximately1.0pF(betweencoilandcontacts)
Coil
NominalPower(at20°C)
140to300mW100to150mW 200to300mW
OperatePower(at20°C)
80to170W60to85mW
150to170mW
Operating Temperature
–40°C to +85°C (no frost) (refer to the CHARACTERISTIC DATA)
TimeValue Operate(atnominalvoltage) Maximum6msMaximum6ms(set)
Release(atnominalvoltage) Maximum4msMaximum6ms(reset)
Life
Mechanical
1×108ops.minimum1×107ops.minimum
Electrical
2×105ops.min.(0.5A125VAC),5×105ops.min.(1A30VDC)
Other
VibrationMisoperation
10to55Hz(doubleamplitudeof3.3mm)
ResistanceEndurance
10to55Hz(doubleamplitudeof5.0mm)
ShockMisoperation
500m/s2(11±1ms)
ResistanceEndurance
1,000m/s2(6±1ms)
Weight
Approximately1.2g
*1 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual load
beforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,environmentalconditionsand
expectedreliabilitylevels.
Type
Compliance
Contactrating
UL
UL478,UL508
E45026
Flammability:UL94-V0(plastics)
0.5A,125VAC(Generaluse)
2A,30VDC(resistive)
0.3A,110VDC(resistive)
CSA
C22.2No.14
LR35579
n
SAFETY STANDARD AND FILE NUMBERS
Item
Resistance(initial)
Minimum 1,000 MΩ (500VDC)
Dielectric
Strength
opencontacts
1,000VAC1min.
coilandcontacts
adjacent contacts
1,000VAC1min.
SurgeVoltage
1500V(coil-contact)(10/160µsstandardwave)
n
INSULATION


同様の部品番号 - A-12W-K

メーカー部品番号データシート部品情報
logo
Lite-On Technology Corp...
A-12W-K LITEON-A-12W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
More results

同様の説明 - A-12W-K

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com