データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LZG-12WME-K データシート(PDF) 4 Page - Fujitsu Component Limited.

部品番号 LZG-12WME-K
部品情報  POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FUJITSU [Fujitsu Component Limited.]
ホームページ  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

LZG-12WME-K データシート(HTML) 4 Page - Fujitsu Component Limited.

  LZG-12WME-K Datasheet HTML 1Page - Fujitsu Component Limited. LZG-12WME-K Datasheet HTML 2Page - Fujitsu Component Limited. LZG-12WME-K Datasheet HTML 3Page - Fujitsu Component Limited. LZG-12WME-K Datasheet HTML 4Page - Fujitsu Component Limited. LZG-12WME-K Datasheet HTML 5Page - Fujitsu Component Limited. LZG-12WME-K Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
LZG SERIES
DISCONTINUED
s COIL DATA CHART
MODEL
Nominal
Coil
Must
Must
Nominal
Single
Bifurcated
resistance
operate
release
voltage
(
±10%)
voltage
voltage
power
10 A Type
5 A Type
3 A Type
1 A Type
LZG-(B) 1.5 VM LZG-(B) 1.5H (M) (E) LZG-(B) 1.5 (M) (E) LZG-(B) 1.5 W (M)
1.5 VDC
5
0.97 VDC
0.08 VDC
450 mW
LZG-(B)
3 VM LZG-(B)
3H (M) (E) LZG-(B)
3 (M) (E) LZG-(B)
3 W (M)
3 VDC
20
1.95 VDC
0.15 VDC
450 mW
LZG-(B)
5 VM LZG-(B)
5H (M) (E) LZG-(B)
5 (M) (E) LZG-(B)
5 W (M)
5 VDC
56
3.25 VDC
0.25 VDC
450 mW
LZG-(B)
6 VM LZG-(B)
6H (M) (E) LZG-(B)
6 (M) (E) LZG-(B)
6 W (M)
6 VDC
80
3.9 VDC
0.3 VDC
450 mW
LZG-(B)
9 VM LZG-(B)
9H (M) (E) LZG-(B)
9 (M) (E) LZG-(B)
9 W (M)
9 VDC
180
5.85 VDC
0.45 VDC
450 mW
LZG-(B) 12 VM LZG-(B) 12H (M) (E) LZG-(B) 12 (M) (E) LZG-(B) 12 W (M)
12 VDC
320
7.8 VDC
0.6 VDC
450 mW
LZG-(B) 18 VM LZG-(B) 18H (M) (E) LZG-(B) 18 (M) (E) LZG-(B) 18 W (M)
18 VDC
720
11.7 VDC
0.9 VDC
450 mW
LZG-(B) 24 VM LZG-(B) 24H (M) (E) LZG-(B) 24 (M) (E) LZG-(B) 24 W (M)
24 VDC
1,280
15.6 VDC
1.2 VDC
450 mW
LZG-(B) 48 VM LZG-(B) 48H (M) (E) LZG-(B) 48 (M) (E) LZG-(B) 48 W (M)
48 VDC
3,800
28.8 VDC
2.4 VDC
600 mW
LZG-(B) 1.5H (M)S (E) LZG-(B) 1.5 (M)S (E) LZG-(B)
1.5 W (M) S
1.5 VDC
6.8
0.97 VDC
0.08 VDC
330 mW
LZG-(B) 3H (M)S (E)
LZG-(B)
3 (M)S (E) LZG-(B)
3 W (M) S
3 VDC
27
1.95 VDC
0.15 VDC
330 mW
LZG-(B) 5H (M)S (E)
LZG-(B)
5 (M)S (E) LZG-(B)
5 W (M) S
5 VDC
80
3.25 VDC
0.25 VDC
330 mW
LZG-(B) 6H (M)S (E)
LZG-(B)
6 (M)S (E) LGZ-(B)
6 W (M) S
6 VDC
110
3.9 VDC
0.3 VDC
330 mW
LZG-(B) 9H (M)S (E)
LZG-(B)
9 (M)S (E) LZG-(B)
9 W (M) S
9 VDC
250
5.85 VDC
0.45 VDC
330 mW
LZG-(B) 12H (M)S (E)
LZG-(B) 12 (M)S (E) LZG-(B)
12 W (M) S
12 VDC
440
7.8 VDC
0.6 VDC
330 mW
LZG-(B) 18H (M)S (E)
LZG-(B) 18 (M)S (E) LZG-(B)
18 W (M) S
18 VDC
990
11.7 VDC
0.9 VDC
330 mW
LZG-(B) 24H (M)S (E)
LZG-(B) 24 (M)S (E) LZG-(B)
24 W (M) S
24 VDC
1,780
15.6 VDC
1.2 VDC
330 mW
Note: All values in the table are measured at 20
°C.


同様の部品番号 - LZG-12WME-K

メーカー部品番号データシート部品情報
logo
Honeywell Accelerometer...
LZG1 HONEYWELL-ACC-LZG1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
logo
List of Unclassifed Man...
LZG1 ETC1-LZG1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
More results

同様の説明 - LZG-12WME-K

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
NYP-12W-K-IE FUJITSU-NYP-12W-K-IE Datasheet
307Kb / 7P
   POWER RELAY 1 POLE-5 A (CADMIUM FREE CONTACTS TYPE)
NY24W-K FUJITSU-NY24W-K Datasheet
117Kb / 5P
   POWER RELAY 1 POLE—5 A (CADMIUM FREE CONTACTS TYPE)
FTR-H2 FUJITSU-FTR-H2 Datasheet
564Kb / 8P
   POWER RELAY 1 POLE-10 A (CADMIUM FREE CONTACTS TYPE)
VH-12 FUJITSU-VH-12 Datasheet
92Kb / 4P
   POWER RELAY 1 POLE-16 A (CADMIUM FREE CONTACTS TYPE)
VG-12HMSE-K-UL FUJITSU-VG-12HMSE-K-UL Datasheet
186Kb / 7P
   POWER RELAY 1 POLE-3A to 5 A (CADMIUM FREE CONTACTS TYPE)
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
logo
Fuji Electric
FBR160 FUJI-FBR160 Datasheet
56Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A
logo
Fujitsu Component Limit...
FTR-F2P FUJITSU-FTR-F2P Datasheet
597Kb / 8P
   1 POLE-120A Inrush Current (CADMIUM FREE CONTACTS TYPE)
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com