データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC2.5-3E5 データシート(PDF) 2 Page - Ferroxcube International Holding B.V.

部品番号 TC2.5-3E5
部品情報  Ferrite toroids
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FERROXCUBE [Ferroxcube International Holding B.V.]
ホームページ  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TC2.5-3E5 データシート(HTML) 2 Page - Ferroxcube International Holding B.V.

  TC2.5-3E5 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TC2.5-3E5 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TC2.5-3E5 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
1509
Ferroxcube
Ferrite toroids
TC2.5/1.5/1
RING CORES (TOROIDS)
Effective core parameters
Coating
The cores are coated with parylene C, flame retardant in
accordance with “UL 94V-2”; UL file number E 194397.
The coating is transparent.
Maximum operating temperature is 90
°C.
Isolation voltage
DC isolation voltage: 1000 V.
Contacts are applied on the edge of the ring core, which is
also the critical point for the winding operation.
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
12.3
mm−1
Ve
effective volume
2.94
mm3
Ie
effective length
6.02
mm
Ae
effective area
0.489
mm2
m
mass of core
≈0.015 g
Fig.1 TC2.5/1.5/1 ring core.
Dimensions (uncoated) in mm.
handbook, halfpage
;
;
;;
;;
CBW186
coating PARYLENE 'C'
1
±0.1
2.5
±0.1
1.5
±0.1
(
≈12 µm)
Ring core data
GRADE
AL
(nH)
µi
TYPE NUMBER
3E28
410
± 25%
≈ 4000
TC2.5/1.5/1-3E28
3E27
513
± 20%
≈ 5500
TC2.5/1.5/1-3E27
3E5
920
± 30%
≈ 9000
TC2.5/1.5/1-3E5
3E6
1020
± 30%
≈ 10 000
TC2.5/1.5/1-3E6


同様の部品番号 - TC2.5-3E5

メーカー部品番号データシート部品情報
logo
Ferroxcube Internationa...
TC2.5-3E28 FERROXCUBE-TC2.5-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC2.5-3E6 FERROXCUBE-TC2.5-3E6 Datasheet
44Kb / 3P
   Ferrite toroids
More results

同様の説明 - TC2.5-3E5

メーカー部品番号データシート部品情報
logo
Ferroxcube Internationa...
TC3.5-3E28 FERROXCUBE-TC3.5-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC2.5-4A11 FERROXCUBE-TC2.5-4A11 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.1-4A11 FERROXCUBE-TC3.1-4A11 Datasheet
44Kb / 3P
   Ferrite toroids
TN20-10-7 FERROXCUBE-TN20-10-7 Datasheet
44Kb / 3P
   Ferrite toroids
TN26-15-20 FERROXCUBE-TN26-15-20 Datasheet
45Kb / 3P
   Ferrite toroids
TX14-9-5 FERROXCUBE-TX14-9-5 Datasheet
43Kb / 3P
   Ferrite toroids
TX80-40-15 FERROXCUBE-TX80-40-15 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.5-3E27 FERROXCUBE-TC3.5-3E27 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.9-3E28 FERROXCUBE-TC3.9-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC7.6-3C90 FERROXCUBE-TC7.6-3C90 Datasheet
45Kb / 3P
   Ferrite toroids
TN13-4C65 FERROXCUBE-TN13-4C65 Datasheet
47Kb / 4P
   Ferrite toroids
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com