データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHCT2G00DC データシート(PDF) 6 Page - NXP Semiconductors

部品番号 74AHCT2G00DC
部品情報  Dual 2-input NAND gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT2G00DC データシート(HTML) 6 Page - NXP Semiconductors

Back Button 74AHCT2G00DC Datasheet HTML 2Page - NXP Semiconductors 74AHCT2G00DC Datasheet HTML 3Page - NXP Semiconductors 74AHCT2G00DC Datasheet HTML 4Page - NXP Semiconductors 74AHCT2G00DC Datasheet HTML 5Page - NXP Semiconductors 74AHCT2G00DC Datasheet HTML 6Page - NXP Semiconductors 74AHCT2G00DC Datasheet HTML 7Page - NXP Semiconductors 74AHCT2G00DC Datasheet HTML 8Page - NXP Semiconductors 74AHCT2G00DC Datasheet HTML 9Page - NXP Semiconductors 74AHCT2G00DC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
74AHC_AHCT2G00_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 12 January 2009
6 of 14
NXP Semiconductors
74AHC2G00; 74AHCT2G00
Dual 2-input NAND gate
11. Dynamic characteristics
[1]
tpd is the same as tPLH and tPHL.
[2]
Typical values are measured at VCC = 3.3 V.
[3]
Typical values are measured at VCC = 5.0 V.
[4]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
Table 8.
Dynamic characteristics
GND = 0 V; for test circuit see Figure 7.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
74AHC2G00
tpd
propagation
delay
nA, nB to nY; see Figure 6
[1]
VCC = 3.0 V to 3.6 V
[2]
CL = 15 pF
-
4.5
7.9
1.0
9.5
1.0
10.5
ns
CL = 50 pF
-
6.5
11.4
1.0
13.0
1.0
14.5
ns
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
3.5
5.5
1.0
6.5
1.0
7.0
ns
CL = 50 pF
-
4.9
7.5
1.0
8.5
1.0
9.5
ns
CPD
power
dissipation
capacitance
per buffer;
CL = 50 pF; fi = 1 MHz;
VI = GND to VCC
[4]
-17-
-
-
-
-
pF
74AHCT2G00
tpd
propagation
delay
nA, nB to nY; see Figure 6
[1]
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
1.0
3.6
6.2
1.0
7.1
1.0
8.0
ns
CL = 50 pF
1.0
5.0
7.9
1.0
9.0
1.0
10.0
ns
CPD
power
dissipation
capacitance
per buffer;
CL = 50 pF; fi = 1 MHz;
VI = GND to VCC
[4]
-18-
-
-
-
-
pF


同様の部品番号 - 74AHCT2G00DC

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHCT2G00DC PHILIPS-74AHCT2G00DC Datasheet
94Kb / 17P
   The 74AHC2G/AHCT2G00 is a high-speed Si-gate CMOS device
2004 Jan 21
logo
Nexperia B.V. All right...
74AHCT2G00DC NEXPERIA-74AHCT2G00DC Datasheet
211Kb / 11P
   Dual 2-input NAND gate
Rev. 5 - 7 March 2019
74AHCT2G00DC-Q100 NEXPERIA-74AHCT2G00DC-Q100 Datasheet
211Kb / 11P
   Dual 2-input NAND gate
More results

同様の説明 - 74AHCT2G00DC

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
   DUAL 2-INPUT NAND GATE
logo
Panasonic Semiconductor
74LVC2G00 PANASONIC-74LVC2G00 Datasheet
91Kb / 16P
   Dual 2-input NAND gate
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132_15 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
83Kb / 8P
   Dual 2-Input NAND Gate
September, 2001 ??Rev. 1
NL27WZ00 ONSEMI-NL27WZ00_13 Datasheet
125Kb / 6P
   Dual 2-Input NAND Gate
July, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74HCT2G00 NEXPERIA-74HCT2G00 Datasheet
208Kb / 11P
   Dual 2-input NAND gate
Rev. 6 - 20 November 2018
logo
Toshiba Semiconductor
TC7W00FK TOSHIBA-TC7W00FK_09 Datasheet
221Kb / 8P
   Dual 2-Input NAND Gate
logo
NXP Semiconductors
74LVC2G00DC-G NXP-74LVC2G00DC-G Datasheet
279Kb / 20P
   Dual 2-input NAND gate
Rev. 12-8 April 2013
74HC2G00 NXP-74HC2G00 Datasheet
91Kb / 13P
   Dual 2-input NAND gate
Rev. 04-3 July 2008
logo
Nexperia B.V. All right...
74AHC2G00-Q100 NEXPERIA-74AHC2G00-Q100 Datasheet
211Kb / 11P
   Dual 2-input NAND gate
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00_V01 Datasheet
184Kb / 12P
   Dual 2-Input NAND Gate
March, 2022 - Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com