データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHCT2G125 データシート(PDF) 1 Page - NXP Semiconductors

部品番号 74AHCT2G125
部品情報  Dual buffer/line driver; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT2G125 データシート(HTML) 1 Page - NXP Semiconductors

  74AHCT2G125 Datasheet HTML 1Page - NXP Semiconductors 74AHCT2G125 Datasheet HTML 2Page - NXP Semiconductors 74AHCT2G125 Datasheet HTML 3Page - NXP Semiconductors 74AHCT2G125 Datasheet HTML 4Page - NXP Semiconductors 74AHCT2G125 Datasheet HTML 5Page - NXP Semiconductors 74AHCT2G125 Datasheet HTML 6Page - NXP Semiconductors 74AHCT2G125 Datasheet HTML 7Page - NXP Semiconductors 74AHCT2G125 Datasheet HTML 8Page - NXP Semiconductors 74AHCT2G125 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74AHC2G125 and 74AHCT2G125 are high-speed Si-gate CMOS devices. They
provide a dual non-inverting buffer/line driver with 3-state output. The 3-state output is
controlled by the output enable input (nOE). A HIGH at nOE causes the output to assume
a high-impedance OFF-state.
The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V.
The AHCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.
2.
Features
I Symmetrical output impedance
I High noise immunity
I Low power dissipation
I Balanced propagation delays
I Multiple package options
I ESD protection:
N HBM JESD22-A114E: exceeds 2000 V
N MM JESD22-A115-A: exceeds 200 V
N CDM JESD22-C101C: exceeds 1000 V
I Specified from −40 °C to +125 °C
3.
Ordering information
74AHC2G125; 74AHCT2G125
Dual buffer/line driver; 3-state
Rev. 02 — 22 December 2008
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74AHC2G125DP
−40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74AHCT2G125DP
74AHC2G125DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package;
8 leads; body width 2.3 mm
SOT765-1
74AHCT2G125DC
74AHC2G125GD
−40 °C to +125 °C
XSON8U plastic extremely thin small outline package; no
leads; 8 terminals; UTLP based; body 3
× 2 × 0.5
mm
SOT996-2
74AHCT2G125GD


同様の部品番号 - 74AHCT2G125

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHCT2G125 PHILIPS-74AHCT2G125 Datasheet
117Kb / 18P
   Bus buffer/line driver 3-state
2004 Jan 13
logo
Nexperia B.V. All right...
74AHCT2G125 NEXPERIA-74AHCT2G125 Datasheet
221Kb / 12P
   Dual buffer/line driver; 3-state
Rev. 4 - 2 January 2019
74AHCT2G125-Q100 NEXPERIA-74AHCT2G125-Q100 Datasheet
223Kb / 12P
   Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHCT2G125DC PHILIPS-74AHCT2G125DC Datasheet
117Kb / 18P
   Bus buffer/line driver 3-state
2004 Jan 13
logo
Nexperia B.V. All right...
74AHCT2G125DC NEXPERIA-74AHCT2G125DC Datasheet
221Kb / 12P
   Dual buffer/line driver; 3-state
Rev. 4 - 2 January 2019
More results

同様の説明 - 74AHCT2G125

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com