データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHCT244BQ データシート(PDF) 6 Page - NXP Semiconductors

部品番号 74AHCT244BQ
部品情報  Octal buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT244BQ データシート(HTML) 6 Page - NXP Semiconductors

Back Button 74AHCT244BQ Datasheet HTML 2Page - NXP Semiconductors 74AHCT244BQ Datasheet HTML 3Page - NXP Semiconductors 74AHCT244BQ Datasheet HTML 4Page - NXP Semiconductors 74AHCT244BQ Datasheet HTML 5Page - NXP Semiconductors 74AHCT244BQ Datasheet HTML 6Page - NXP Semiconductors 74AHCT244BQ Datasheet HTML 7Page - NXP Semiconductors 74AHCT244BQ Datasheet HTML 8Page - NXP Semiconductors 74AHCT244BQ Datasheet HTML 9Page - NXP Semiconductors 74AHCT244BQ Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
74AHC_AHCT244_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 20 December 2007
6 of 16
NXP Semiconductors
74AHC244; 74AHCT244
Octal buffer/line driver; 3-state
CI
input
capacitance
-
3.0
10
-
10
-
10
pF
CO
output
capacitance
-
4.0
-
-
-
-
-
pF
For type 74AHCT244
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = −50 µA
4.4
4.5
-
4.4
-
4.4
-
V
IO = −8.0 mA
3.94
-
-
3.8
-
3.70
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = 50 µA
-
0
0.1
-
0.1
-
0.1
V
IO = 8.0 mA
-
-
0.36
-
0.44
-
0.55
V
IOZ
OFF-state
output current
per input pin; VI =VIH or VIL;
VCC = 5.5 V; IO =0 A
VO =VCC or GND;
other pins at VCC or GND
--
±0.25
-
±2.5
-
±10.0
µA
II
input leakage
current
VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
-
-
0.1
-
1.0
-
2.0
µA
ICC
supply current VI =VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
4.0
-
40
-
80
µA
∆ICC
additional
supply current
per input pin;
VI =VCC − 2.1 V; IO = 0 A;
other pins at VCC or GND;
VCC = 4.5 V to 5.5 V
-
-
1.35
-
1.5
-
1.5
mA
CI
input
capacitance
-
3
10
-
10
-
10
pF
CO
output
capacitance
-
4.0
-
-
-
-
-
pF
Table 6.
Static characteristics …continued
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max


同様の部品番号 - 74AHCT244BQ

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHCT244BQ NXP-74AHCT244BQ Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 05-20 December 2007
logo
Nexperia B.V. All right...
74AHCT244BQ NEXPERIA-74AHCT244BQ Datasheet
264Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 6 - 2 July 2020
74AHCT244BQ-Q100 NEXPERIA-74AHCT244BQ-Q100 Datasheet
824Kb / 17P
   Octal buffer/line driver; 3-state
More results

同様の説明 - 74AHCT244BQ

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com