データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FZT853 データシート(PDF) 1 Page - Zetex Semiconductors

部品番号 FZT853
部品情報  NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZETEX [Zetex Semiconductors]
ホームページ  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FZT853 データシート(HTML) 1 Page - Zetex Semiconductors

  FZT853 Datasheet HTML 1Page - Zetex Semiconductors FZT853 Datasheet HTML 2Page - Zetex Semiconductors FZT853 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT223 NPN SILICON PLANAR HIGH CURRENT
(HIGH PERFORMANCE) TRANSISTORS
ISSUE 2 - OCTOBER 1995
FEATURES
*
Extremely low equivalent on-resistance; R
CE(sat) 44mΩ at 5A
*
6 Amps continuous current, up to 20 Amps peak current
*
Very low saturation voltages
*
Excellent h
FE characteristics specified up to 10 Amps
PARTMARKING DETAILS -
DEVICE TYPE IN FULL
COMPLEMENTARY TYPES -
FZT851
FZT951
FZT853
FZT953
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
FZT851
FZT853
UNIT
Collector-Base Voltage
VCBO
150
200
V
Collector-Emitter Voltage
VCEO
60
100
V
Emitter-Base Voltage
VEBO
66
V
Peak Pulse Current
ICM
20
10
A
Continuous Collector Current
IC
6A
Power Dissipation at Tamb=25°C
Ptot
3W
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +150
°C
*The power which can be dissipated assuming the device is mounted in a typical manner on a
P.C.B. with copper equal to 4 square inch minimum
FZT851
FZT853
C
C
E
B
3 - 260


同様の部品番号 - FZT853

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
FZT853 KEXIN-FZT853 Datasheet
40Kb / 2P
   NPN Silicon Planar High Current Transistor
logo
Diodes Incorporated
FZT853 DIODES-FZT853 Datasheet
64Kb / 3P
   SOT223 NPN SILICON PLANAR HIGH CURRENT
FZT853 DIODES-FZT853 Datasheet
254Kb / 12P
   PWM high-efficiency LED driver control IC.
FZT853 DIODES-FZT853 Datasheet
406Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR
FZT853TA DIODES-FZT853TA Datasheet
249Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR IN SOT223
More results

同様の説明 - FZT853

メーカー部品番号データシート部品情報
logo
Zetex Semiconductors
FZT651 ZETEX-FZT651 Datasheet
93Kb / 2P
   NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTORS
logo
Guangdong Kexin Industr...
FZT651 KEXIN-FZT651 Datasheet
38Kb / 2P
   NPN Silicon Planar High Performance Transistors
logo
Zetex Semiconductors
FZT948 ZETEX-FZT948 Datasheet
216Kb / 5P
   PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
FZT957 ZETEX-FZT957 Datasheet
101Kb / 5P
   PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
FZT955 ZETEX-FZT955 Datasheet
115Kb / 5P
   PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
FZT857 ZETEX-FZT857 Datasheet
142Kb / 3P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE)TRANSISTOR
FZT869 ZETEX-FZT869 Datasheet
27Kb / 2P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
logo
Guangdong Kexin Industr...
FZT869 KEXIN-FZT869 Datasheet
39Kb / 2P
   NPN Silicon Planar High Current (High Performance) Transistor
logo
Zetex Semiconductors
FZT849 ZETEX-FZT849 Datasheet
60Kb / 3P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
FZT855 ZETEX-FZT855 Datasheet
516Kb / 3P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE)TRANSISTOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com